Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 29 of 37
Address: 0x101, Reset: 0x01, Name: SIG_PATH1_0
3.3V LDO Enable
Turn off linearization optim ization
functionality for IP3 optim ization
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[0] LDO33_EN (R/W)
[1] IP3_OFF (R/W)
Table 34. Bit Descriptions for SIG_PATH1_0
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
IP3_OFF
Turn off linearization optimization functionality for
IP3 optimization.
0x0
R/W
0: Turn on linearization optimization functionality.
1: Turn off linearization optimization functionality.
0
LDO33_EN
3.3 V LDO Enable.
0x1
R/W
0: Disable 3.3 V LDO.
1: Enable 3.3 V LDO.
Address: 0x102, Reset: 0x3F, Name: SIG_PATH2_0
DSA Attenuator Setting 0
0
1
1
1
2
1
3
1
4
1
5
1
6
0
7
0
[7:5] RESERVED
[4:0] DSA_ATTEN_0 (R/W)
Table 35. Bit Descriptions for SIG_PATH2_0
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x1
R
[4:0]
DSA_ATTEN_0
DSA Attenuator Setting 0.
0x1F
R/W
0: 0 dB.
1: 0.45 dB.
10: 0.9 dB.
11: 1.35 dB.
100: 1.8 dB.
101: 2.25 dB.
110: 2.7 dB.
111: 3.15 dB.
1000: 3.6 dB.
1001: 4.05 dB.
1010: 4.5 dB.
1011: 4.95 dB.
1100: 5.4 dB.
1101: 5.85 dB.
1110: 6.3 dB.
1111: 6.75 dB.
10000: 7.2 dB.
10001: 7.65 dB.
10010: 8.1 dB.
10011: 8.55 dB.
10100: 9 dB.
10101: 9.45 dB.
10110: 9.9 dB.
10111: 10.35 dB.
11000: 10.8 dB.
11001: 11.25 dB.
11010: 11.7 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com