Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
ADL6316
Data Sheet
Rev. 0 | Page 22 of 37
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
–75.2dBc
–71.5dBc
–71.4dBc
–75.6dBc
CENTER 960MHz
RESOLUTION BW 30kHz
SPAN 24.52MHz
SWEEP 103.9ms
VIDEO BW 30kHz
4.8dBm
REF 0.0dBm
Figure 44. LTE Carrier, Adjacent and Alternate CPR at 960 MHz,
VVA Attenuation = 0 dB, DSA Attenuation = 10.5dB, PIN = -14.9 dBm
–90
–80
–70
–60
–50
–40
–30
–8
–6
–4
–2
0
2
4
6
8
10
12
14
16
OUTPUT POWER (dBm)
ADJACENT CPR
ALTERNATE CPR
Figure 45. Adjacent and Alternate Channel Power Ratio vs. Output Power
(POUT) by PIN at 960 MHz, LTE Test Model 1.1 (TM1.1), VVA Attenuation = 0 dB,
DSA Attenuation = 0 dB
–90
–80
–70
–60
–50
–40
–30
–8
–6
–4
–2
0
2
4
6
8
10
12
14
16
OUTPUT POWER (dBm)
ADJACENT CPR
ALTERNATE CPR
Figure 46. Adjacent and Alternate Channel Power Ratio vs. Output Power
(POUT) by VVA Attenuation at 960 MHz, LTE TM1.1, PIN = −14.9 dBm, DSA
Attenuation = 0 dB
–90
–80
–70
–60
–50
–40
–30
–2
0
2
4
6
8
10
12
14
16
OUTPUT POWER (dBm)
ADJACENT CPR
ALTERNATE CPR
Figure 47. Adjacent and Alternate Channel Power Ratio vs. Output Power
(POUT) by DSA Attenuation at 960 MHz, LTE TM1.1, PIN = −14.9 dBm,
VVA Attenuation = 0 dB
LAYOUT
Solder the exposed pad on the underside of the ADL6316 to a
low thermal and electrical impedance ground plane. This pad is
typically soldered to an exposed opening in the solder mask on
the evaluation board. Notice the use of 19 via holes on the exposed
pad of the ADL6316-EVALZ evaluation board. Connect these
ground vias to all other ground layers on the evaluation board to
maximize heat dissipation from the device package. For more
information on the ADL6316-EVALZ evaluation board, contact
Analog Devices, Inc.
Ensure that the decoupling capacitors are located close to the
supply voltage pins.
Figure 48. Evaluation Board Layout for the ADL6316-EVALZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com