Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 27 of 37
Address: 0x00A, Reset: 0x00, Name: SCRATCHPAD
Scratchpad. Used by Software to test read
and write
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SCRATCHPAD (R/W)
Table 27. Bit Descriptions for SCRATCHPAD
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCHPAD
Scratchpad. Used by Software to test read and write.
0x0
R/W
Address: 0x00B, Reset: 0x00, Name: SPI_REV
SPI Regis ter Map Revis ion
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SPI_REV (R)
Table 28. Bit Descriptions for SPI_REV
Bits
Bit Name
Description
Reset
Access
[7:0]
SPI_REV
SPI Register Map Revision
0x0
R
Address: 0x010, Reset: 0x00, Name: VARIANT_FEOL
Front end of line (FEOL)
Variant
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] FEOL (R)
[3:0] VARIANT (R)
Table 29. Bit Descriptions for VARIANT_FEOL
Bits
Bit Name
Description
Reset
Access
[7:4]
FEOL
Front end of line (FEOL)
0x0
R
[3:0]
VARIANT
Variant
0x0
R
Address: 0x011, Reset: 0x01, Name: BEOL_SIF
Serial Interface Version
Back end of line (BEOL) Version
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] SIF (R)
[3:0] BEOL (R)
Table 30. Bit Descriptions for BEOL_SIF
Bits
Bit Name
Description
Reset
Access
[7:4]
SIF
Serial Interface Version
0x0
R
[3:0]
BEOL
Back end of line (BEOL) Version
0x1
R
Address: 0x012, Reset: 0x00, Name: SPARE_0012
Spare Register 0x012
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SPARE_012 (R)
Table 31. Bit Descriptions for SPARE_0012
Bits
Bit Name
Description
Reset
Access
[7:0]
SPARE_012
Spare Register 0x012
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com