Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL6316ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 5 of 37
SCLK
CS
SDI
R/W
CS5
CS4
0
tSCLK
tDCS
tDH
tDS
tPWH
A2
A1
A_LSB D_MSB
D6
D5
D1
D_LSB
tPWL
A7
A_MSB
0
0
0
Figure 3. Timing Diagram for the Serial Port Interface Register Write
SCLK
CS
SDI
R/W
CS5
CS4
0
A2
A1
A_LSB
DON’T
CARE
DON’T
CARE
DON’T
CARE
DON’T
CARE
A7
A_MSB
0
0
0
D_MSB
D6
D5
D1
D_LSB
SDO
tDV
DON’T
CARE
Figure 4. Timing Diagram for Serial Port Interface Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com