Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL6316ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ADL6316
Data Sheet
Rev. 0 | Page 4 of 37
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
DSA Attenuation
Range
14
dB
Resolution
0.45
dB
Gain Settling Time
Minimum attenuation to maximum attenuation
304.4
ns
Maximum attenuation to minimum attenuation
195.0
ns
DIGITAL LOGIC
Input Voltage
SCLK, SDI, CS, CS4, CS5, TXEN
High (VIH)
1.07
V
Low (VIL)
0.68
V
Input Current
High (IIH)
−100
μA
Low (IIL)
100
μA
Output Voltage
SDO
At 1.8 V
Register 0x121, Bit 4 = 0x0
High (VOH)
Output high current (IOH) = −100 μA or −1 mA
static load
1.5
V
Low (VOL)
Output low current (IOL) = 100 μA or 1 mA static
load
0.2
V
At 3.3 V
Register 0x121, Bit 4 = 0x1
High (VOH)
IOH = −100 μA or −1 mA static load
2.7
V
Low (VOL)
IOL = 100 μA or 1 mA static load
0.2
V
POWER SUPPLY
Voltage
4.75
5.0
5.25
V
Supply Current
High performance mode
435
mA
Low power mode
310
mA
Power-Down Current
6
mA
DIGITAL LOGIC TIMING
Table 3.
Parameter
Description
Min
Typ
Max
Unit
fSCLK
Maximum serial clock rate, 1/tSCLK
25
MHz
tPWH
Minimum period that SCLK is in logic high state
10
ns
tPWL
Minimum period that SCLK is in logic low state
10
ns
tDS
Setup time between data and rising edge of SCLK
5
ns
tDH
Hold time between data and rising edge of SCLK
5
ns
tDCS
Setup time between falling edge of CS and rising edge of SCLK
10
ns
tDV
Maximum time delay between falling edge of SCLK and output data valid for a read operation
5
ns
Timing Diagrams
R/W
A3
A2
A1
A0 D7
N D60 D50
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDI
CS
A7
A6
A5
A4
A8
0
CS4 0
0
0
CS5
ADDRESS
CHIP ID
Figure 2. Serial Port Interface Register Timing, MSB First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com