Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
ADL6316
Data Sheet
Rev. 0 | Page 34 of 37
Address: 0x11B, Reset: 0x00, Name: SIG_PATHB_1
Spare Register 0x11B
Amplifier 2 IP3 Trim
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] SPARE_11B (R/W)
[1:0] TRM_AMP2_IP3 (R/W)
Table 50. Bit Descriptions for SIG_PATHB_1
Bits
Bit Name
Description
Reset
Access
[7:2]
SPARE_11B
Spare Register 0x11B
0x0
R/W
[1:0]
TRM_AMP2_IP3
Amplifier 2 IP3 Trim
0x0
R/W
00: Trim Mode 0
01: Trim Mode 1
10: Trim Mode 2
11: Trim Mode 3
Address: 0x120, Reset: 0x20, Name: AMUX_SEL
Select Mux Output
ADC Input, VVA_CTRL, ADC Clock Selection
on MUX
ADC Input Selection
0
0
1
0
2
0
3
0
4
0
5
1
6
0
7
0
[7] RESERVED
[2:0] AMUX_1_SEL (R/W)
[6:4] AMUX_3_SEL (R/W)
[3] AMUX_2_SEL (R/W)
Table 51. Bit Descriptions for AMUX_SEL
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
[6:4]
AMUX_3_SEL
ADC Input, VVA_CTRL, ADC Clock Selection on Mux.
0x2
R/W
000: VVA_CTRL.
001: ADC input.
010: ADC clock.
011 to 111: Not used.
3
AMUX_2_SEL
ADC Input Selection.
0x0
R/W
0: PTAT to ADC input.
1: VVA_CTRL to ADC input.
[2:0]
AMUX_1_SEL
Select Mux Output.
0x0
R/W
000: PTAT.
001: Output of AMUX_3_SEL.
010: 1.8 V LDO output.
011: 3.3 V LDO output.
100: GND.
101: GND.
110: Not used.
111: Not used.
Address: 0x121, Reset: 0x00, Name: MULTI_FUNC_CTRL_0111
Auxiliary Mux External
SPI Supply Control
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[3:0] AMUX_EX (R/W)
[4] SPI_1P8_3P3_CTRL (R/W)
Table 52. Bit Descriptions for MULTI_FUNC_CTRL_0111
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R
4
SPI_1P8_3P3_CTRL
SPI Supply Control
0x0
R/W
0: 1.8 V readback
1: 3.3 V readback
[3:0]
AMUX_EX
Auxiliary Mux External
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com