Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
ADL6316
Data Sheet
Rev. 0 | Page 12 of 37
CH1 700mV 1MΩ –585mV
M100ns
T
10.1981000µs
CH2 980mV 50Ω
1.58V
1
2
304.40ns
START TIME
STOP TIME
Figure 30. DSA Gain Settling Time, Minimum to Maximum DSA Attenuation
CH1 700mV 1MΩ –585mV
M50.0ns
T
10.1197170µs
CH2 980mV 50Ω
1.58V
1
2
195.05ns
START TIME
STOP TIME
Figure 31. DSA Gain Settling Time, Maximum to Minimum DSA Attenuation
CH1 700mV 1MΩ –585mV
M50.0ns
T
10.1197170µs
CH2 980mV 50Ω
1.58V
1
2
182.97ns
START TIME
STOP TIME
Figure 32. TXEN Response Time Measured from Amplifier 1, Amplifier 2
Disabled with Maximum DSA Attenuation to Amplifier 1, Amplifier 2 Enabled
with Minimum DSA Attenuation
CH1 700mV 1MΩ –689mV
M20.0ns
T
10.0359600µs
CH2 980mV 50Ω
1.45V
1
2
54.5ns
START TIME
STOP TIME
Figure 33. TXEN Response Time Measured from Amplifier 1, Amplifier 2 Enabled
with Minimum DSA Attenuation to Amplifier 1, Amplifier 2 Disabled with
Maximum DSA Attenuation
–2.00
–1.75
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
02468 10 12 14 16 18 20 22 24 26 28 30 32
DSA_ATTEN_x[4:0] (Decimal Code)
DNL
INL
Figure 34. DSA Gain Step Error; Frequency = 960 MHz
–25
–20
–15
–10
–5
0
0.5
0.6
0.7
0.8
0.9
1.0
FREQUENCY (GHz)
WITHOUT TUNING
WITH TUNING TO OPTIMIZE
BELOW 0.8GHz: 19pF IN SERIES ON EACH INPUT
Figure 35. Return Loss of Differential RF Input S11 from 0.5 GHz to 1.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com