Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADL6316
Data Sheet
Rev. 0 | Page 8 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
V50AMP1 = V50AMP2 = 5 V, TA = 25°C, input power= −25 dBm (−25 dBm per tone for two tones), VVA attenuation = 0 dB, DSA attenuation =
0 dB, RS = RL = 50 Ω, unless otherwise noted.
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
500
550
600
650
700
750
800
850
900
950
1000
FREQUENCY (MHz)
DSA_ATTEN_x[4:0] = 0 (Decimal)
DSA_ATTEN_x[4:0] = 31 (Decimal)
Figure 6. Gain vs. Frequency; 0.45 dB DSA Steps
FREQUENCY (MHz)
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
500
550
600
650
700
750
800
850
900
950
1000
VVA_ATTEN[11:0] = 4000 (Decimal)
VVA_ATTEN[11:0] = 0 (Decimal)
Figure 7. Gain vs. Frequency; 100 VVA_ATTEN[11:0] Steps
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
30.0
30.5
31.0
31.5
32.0
32.5
33.0
33.5
34.0
34.5
35.0
500
550
600
650
700
750
800
850
900
950
1000
FREQUENCY (MHz)
AMPLIFIER 1 AND AMPFLIFIER 2 VOLTAGE = 4.75V
AMPLIFIER 1 AND AMPFLIFIER 2 VOLTAGE = 5.00V
AMPLIFIER 1 AND AMPFLIFIER 2 VOLTAGE = 5.25V
Figure 8. Gain vs. Frequency for Various Supplies
FREQUENCY (MHz)
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
500
550
600
650
700
750
800
850
900
950
1000
TC = –20°C
TC = +40°C
TC = +105°C
Figure 9. Gain vs. Frequency for Various Temperatures
–16
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
DSA_ATTEN_x[4:0] (Decimal Code)
RF FREQUENCY = 620MHz
RF FREQUENCY = 869MHz
RF FREQUENCY = 960MHz
Figure 10. Attenuation vs. DSA_ATTEN_x[4:0] at 620 MHz, 869 MHz, and
960 MHz; VVA Attenuation = 0 dB
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
–25
–23
–21
–19
–17
–15
–13
–11
–9
–7
–5
–3
–1
1
3
5
0
500
1000
1500
2000
2500
3000
3500
4000
VVA_ATTEN[11:0] (Decimal Code)
RF FREQUENCY = 620MHz
RF FREQUENCY = 869MHz
RF FREQUENCY = 960MHz
Figure 11. Attenuation and VVA Voltage vs. VVA_ATTEN[11:0] at 620 MHz,
869 MHz, and 960 MHz; DSA Attenuation = 0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com