Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 35 of 37
Address: 0x127, Reset: 0x00, Name: ADC_CONTROL
ADC Clock Frequency Division Ratio. Divided
Down Gated Clock
ADC Clock Divider Enable
ADC Clock Source Selection
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[2:0] ADC_CLK_FREQ (R/W)
[5] ADC_CLOCK_DIV_EN (R/W)
[3] RESERVED
[4] ADC_MUX_SEL (R/W)
Table 53. Bit Descriptions for ADC_CONTROL
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
ADC_CLOCK_DIV_EN
ADC Clock Divider Enable.
0x0
R/W
0: Disable ADC clock divider.
1: Enable ADC clock divider.
4
ADC_MUX_SEL
ADC Clock Source Selection.
0x0
R/W
0: ADC clock from SCLK.
1: Not used.
3
RESERVED
Reserved.
0x0
R
[2:0]
ADC_CLK_FREQ
ADC Clock Frequency Division Ratio. Divided Down Gated Clock.
0x0
R/W
000: ADC clock at SCLK/2.
001: ADC clock at SCLK/1.
010: ADC clock at SCLK/2.
011: ADC clock at SCLK/4.
Address: 0x128, Reset: 0x00, Name: ADC_EOC
ADC End of Conversion (EOC)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] ADC_EOC (R)
Table 54. Bit Descriptions for ADC_EOC
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved
0x0
R
0
ADC_EOC
ADC End of Conversion (EOC)
0x0
R
Address: 0x129, Reset: 0x00, Name: ADC_OUT
Temperature Sensor Output of Auxiliary MUX
ADC
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] TEMP_ADC_OUT (R)
Table 55. Bit Descriptions for ADC_OUT
Bits
Bit Name
Description
Reset
Access
[7:0]
TEMP_ADC_OUT
Temperature Sensor Output of Auxiliary Mux ADC
0x0
R
Address: 0x146, Reset: 0x00, Name: GENERIC_READBACK_2
VVA Attenuation Setting Readback
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] VVA_ATTEN_RDBK[7:0] (R)
Table 56. Bit Descriptions for GENERIC_READBACK_2
Bits
Bit Name
Description
Reset
Access
[7:0]
VVA_ATTEN_RDBK[7:0]
VVA Attenuation Setting Readback
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com