Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 19 of 37
DEVICE SETUP
The recommended sequence of steps to set up the ADL6316 is
as follows:
1. Set up the SPI interface. See Table 13.
2. Set up the common parameters, including auxiliary mux
control. See Table 14 and Table 15.
3. Set up the operating mode. See Table 16 to Table 19.
a. Set the attenuation on the DSA.
b. Enable or disable the amplifiers.
c. Set the amplifier reference currents.
d. Set the amplifier for linearity optimization.
e. Measure the internal temperature.
Table 13. SPI Interface Setup
Address
Setting
Notes
0x000
0x99
Soft reset, MSB first, SDO active (4-wire SPI)
0x001
0x00
Single instruction, master/slave readback, soft reset, and master/slave transfer
0x00A
0x00
Scratch pad
Table 14. Signal Path Trim
Address
Setting
Description
0x100
0xFF
Enable the DAC, auxiliary mux band gap, ADC, bias generator, DSA, and VVA
0x101
0x01
Enable IP3 optimization and 3.3 V LDO regulator
0x106
0x00
Disable the bias current, IBIAS, via the EN_IBIASGEN_RESISTOR bit (default setting)
0x105
0x00
VVA control source from DAC
0x104
0x0F
Attenuation of VVA at minimum attenuation, highest four bits of 12-bit word
0x103
0xFF
Attenuation of VVA at minimum attenuation, lowest eight bits of 12-bit word
Table 15. Auxiliary Mux Control
Address
Setting
Description
0x120
0x00
PTAT to ADC input, PTAT on mux output
0x121
0x00
Set SPI SDO voltage to 1.8 V
Table 16. Power-Down Mode Setup, TXEN = Logic Level 0
Address
Setting
Description
0x102
0x1F
14 dB attenuation on DSA
0x107
0x80
Set Amplifier 1 reference current, IREF (TRM_AMP1_IREF_0), for low power mode
0x108
0x80
Disable Amplifier 1
0x109
0x80
Set Amplifier 2 IREF (TRM_AMP2_IREF_0) for low power mode
0x10A
0x80
Disable Amplifier 2
Table 17. Normal Operating Mode Setup, TXEN = Logic Level 1
Address
Setting
Description
0x112
0x00
0 dB attenuation on DSA
0x117
0x82
Set Amplifier 1 IREF (TRM_AMP1_IREF_1)
0x118
0x81
Enable Amplifier 1
0x119
0x82
Set Amplifier 2 IREF (TRM_AMP2_IREF_1)
0x11A
0x81
Enable Amplifier 2
Table 18. Linearity Optimization
Address
Setting
Description
0x10B
0x02
Set the TRM_AMP2_CB bit
0x11B
0x02
Set the TRM_AMP2_IP3 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com