Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 9 of 37
FREQUENCY (MHz)
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
30.0
500
550
600
650
700
750
800
850
900
950
1000
AMPLIFIER 1 AND AMPFLIFIER 2 VOLTAGE = 4.75V
AMPLIFIER 1 AND AMPFLIFIER 2 VOLTAGE = 5.00V
AMPLIFIER 1 AND AMPFLIFIER 2 VOLTAGE = 5.25V
Figure 12. OP1dB vs. Frequency for Various Supplies
FREQUENCY (MHz)
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
30.0
500
550
600
650
700
750
800
850
900
950
1000
TC = –20°C
TC = +40°C
TC = +105°C
Figure 13. OP1dB vs. Frequency for Various Temperatures
FREQUENCY (MHz)
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
500
550
600
650
700
750
800
850
900
950
1000
VVA ATTENUATION = 0dB
VVA ATTENUATION = 10dB
VVA ATTENUATION = 20.5dB
OIP3 (dBm)
OIP2 (dBm)
Figure 14. OIP3/OIP2 vs. Frequency at Various VVA Attenuation Values;
DSA Attenuation = 0 dB
FREQUENCY (MHz)
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
62
64
500
550
600
650
700
750
800
850
900
950
1000
OIP3 (dBm)
OIP2 (dBm)
DSA ATTENUATION = 0dB
DSA ATTENUATION = 7dB
DSA ATTENUATION = 14dB
Figure 15. OIP3/OIP2 vs. Frequency at Various DSA Values,
VVA Attenuation = 0 dB
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
500
550
600
650
700
750
800
850
900
950
1000
FREQUENCY (MHz)
OIP3 (dBm)
OIP2 (dBm)
TC = –20°C
TC = +40°C
TC = +105°C
Figure 16. OIP3/OIP2 vs. Frequency for Various Temperatures
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
–40 –38 –36 –34 –32 –30 –28 –26 –24 –22 –20 –18 –16 –14 –12 –10
INPUT POWER (dBm)
TC = –20°C
TC = +40°C
TC = +105°C
RF FREQUENCY = 620MHz
RF FREQUENCY = 869MHz
RF FREQUENCY = 960MHz
Figure 17. OIP3 vs. Input Power for Various Temperatures at 620 MHz,
869 MHz, and 960 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com