Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL6316ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 3 of 37
SPECIFICATIONS
V50AMP1 = V50AMP2 = 5 V, TA = 25°C, input power (PIN) = −25 dBm (−25 dBm per tone for two tones), VVA attenuation = 0 dB, DSA
attenuation = 0 dB, source resistance (RS) = load resistance (RL) = 50 Ω, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
FREQUENCY RANGE
500
1000
MHz
620 MHz
Power Gain
29.70
dB
Output 1 dB Compression Point (OP1dB)
24.80
dBm
Output Second-Order Intercept (OIP2)
46.25
dBm
Output Third-Order Intercept (OIP3)
43.40
dBm
Second Harmonic (HD2)
51.00
dBc
Third Harmonic (HD3)
85.50
dBc
Noise Figure (NF)
7.50
dB
869 MHz
Power Gain
31.10
dB
OP1dB
25.05
dBm
OIP2
48.70
dBm
OIP3
41.80
dBm
HD2
53.00
dBc
HD3
86.00
dBc
NF
5.85
dB
960 MHz
Power Gain
30.70
dB
OP1dB
24.70
dBm
OIP2
48.75
dBm
OIP3
41.10
dBm
HD2
52.00
dBc
HD3
74.5
dBc
NF
5.95
dB
RF INPUT/OUTPUT CHARACTERISTICS
Input
Impedance
Differential
50
Ω
Return Loss
Inband, 869 MHz
−17.5
dB
Output
Impedance
Single-ended
50
Ω
Return Loss
Inband, 869 MHz
−25.0
dB
Gain Flatness
Deviation from best linear fit at 620 MHz,
869 MHz, and 960 MHz
Over ±50 MHz bandwidth
±0.1
dB
VOLTAGE VARIABLE ATTENUATOR
Via 12-bit integrated DAC or external analog
voltage on VVA_ANALOG pin
Range
20.5
dB
Gain Settling Time
Minimum attenuation to maximum attenuation by
VVA DAC
386.8
ns
Maximum attenuation to minimum attenuation by
VVA DAC
1.681
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com