Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ADL6316
Data Sheet
Rev. 0 | Page 16 of 37
PROGRAMMABILITY GUIDE
Viewing the register map at the highest level, the registers are
subdivided into the major functional blocks, as shown in Table 9.
See the Register Summary section for a complete list of all the
registers on the ADL6316.
Table 9. Memory Map Functional Groups
Register Address
Functional Blocks
0x000 to 0x011
Analog Devices, Inc., SPI configuration
0x100 to 0x101, 0x106
Signal path enable
0x103 to 0x105
VVA source, VVA attenuation
0x10B, 0x11B
Amplifier 2 optimization
0x102, 0x107 to 0x10A
DSA attenuation, amplifier enable,
amplifier trim, TXEN = 0 mode
0x112, 0x117 to 0x11A
DSA attenuation, amplifier enable,
amplifier trim, TXEN = 1 mode
0x120 to 0x121
Auxiliary mux selection, SPI supply
control
0x127 to 0x129
ADC clock, temperature readback
0x146 to 0x148
VVA and DSA attenuation readback
SIGNAL PATH MODES
The ADL6316 has two signal path modes. This feature allows two
predefined modes of operation to be controlled by TXEN, a real-
time external pin with no SPI latency. Table 10 shows the
hardware configuration to select the desired mode.
Table 10. Mode Selection and Setup Registers
TXEN (Pin 37)
Mode
Enable, Setup Registers
0
TXEN = 0
0x102, 0x107 to 0x10A
1
TXEN = 1
0x112, 0x117 to 0x11A
The controls of each mode of operation reside in a designated
subsection of the register map. Each operational mode includes
individual control of the enables of the amplifier blocks, DSA
attenuation, and power mode. Control of these functions reside
in Register 0x102 and Register 0x107 to Register 0x10A for
TXEN = 0 mode, or Register 0x112 and Register 0x117 to
Register 0x11A for TXEN = 1 mode. The specific mode selected
by the logic level on the TXEN pin (Pin 37) determines the state
of the registers (see Table 11).
Table 11. Control Registers for the Modes
Register Address
Mode
Function Block
0x102
TXEN = 0
DSA attenuation
0x112
TXEN = 1
DSA attenuation
0x107
TXEN = 0
Amplifier 1 optimization
0x117
TXEN = 1
Amplifier 1 optimization
0x108
TXEN = 0
Amplifier 1 enable
0x118
TXEN = 1
Amplifier 1 enable
0x109
TXEN = 0
Amplifier 2 optimization
0x119
TXEN = 1
Amplifier 2 optimization
0x10A
TXEN = 0
Amplifier 2 enable
0x11A
TXEN = 1
Amplifier 2 enable
Signal Path Enable
The signal path enable bits are located in Register 0x100,
Register 0x108, Register 0x118, Register 0x10A, and
Register 0x11A. Figure 40 shows a breakdown of the
individual blocks that the particular enable bit controls.
AUXILIARY MUX CONTROL
The ADL6316 has multiple auxiliary mux control blocks that
allow various modes of operation and monitoring points (see
Figure 41 and Table 12).
DAC
CS5
MUXOUT
VVA_ANALOG
ANALOG
MUX
TEMPERATURE
SENSOR
3.3V
LDO
1.8V SPI
LDO
ADC
GND
GND
SERIAL PORT INTERFACE
FUSE
BLOCK
AMP2
AMP2
AMP1
AMP1
VVA
TXEN
CS
SDI
SCLK
SDO
GND
GND
GND
GND
IN_N
IN_P
VDAC
GND
GND
GND
GND
GND
1: DAC_EN
2: AMUX_BG_EN
3: ADC_EN
4: DSA_EN
5: VVA_EN
6: AMP1_EN_x1
7: AMP2_EN_x1
V50AMP1
V33FUSE
V50AMP2
GND
GND
RFOUT
GND
GND
GND
GND
CS4
VVA
DSA
DSA
3
1
5
2
4
6
7
1x = 0 (LOGIC LEVEL = 0) , 1 (LOGIC LEVEL = 1) ON TXEN PIN (PIN 37)
Figure 40. Signal Path Enable Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com