Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 31 of 37
Address: 0x107, Reset: 0x00, Name: SIG_PATH7_0
Bypass Fused Value of TRM_AMP1_IREF_0
Amplifier 1 I
REF Trim 0
Amplifier 1 I
REF Trim Select 0
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] BYPASS_TRM_AMP1_IREF_0 (R/W)
[3:0] TRM_AMP1_IREF_0 (R/W)
[6:5] RESERVED
[4] TRM_AMP1_IREF_SEL_0 (R/W)
Table 40. Bit Descriptions for SIG_PATH7_0
Bits
Bit Name
Description
Reset
Access
7
BYPASS_TRM_AMP1_IREF_0
Bypass Fused Value of TRM_AMP1_IREF_0
0x0
R/W
[6:5]
RESERVED
Reserved
0x0
R
4
TRM_AMP1_IREF_SEL_0
Amplifier 1 IREF Trim Select 0
0x0
R/W
[3:0]
TRM_AMP1_IREF_0
Amplifier 1 IREF Trim 0
0x0
R/W
Address: 0x108, Reset: 0x00, Name: SIG_PATH8_0
Bypas s Fus ed Value of AMP1_EN_0
Internal Trim Data
Enable Am plifier 1 (TXEN=0)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] BYPASS_TRM_AMP1_EN_0 (R/W)
[0] AMP1_EN_0 (R/W)
[6:1] RESERVED
Table 41. Bit Descriptions for SIG_PATH8_0
Bits
Bit Name
Description
Reset
Access
7
BYPASS_TRM_AMP1_EN_0
Bypass Fused Value of AMP1_EN_0 Internal Trim Data
0x0
R/W
[6:1]
RESERVED
Reserved
0x0
R
0
AMP1_EN_0
Enable Amplifier 1 (TXEN = 0)
0x0
R/W
Address: 0x109, Reset: 0x00, Name: SIG_PATH9_0
Bypass Fused Value of TRM_AMP2_IREF_0
Amplifier 2 I
REF Trim 0
Amplifier 2 I
REF Trim Select 0
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] BYPASS_TRM_AMP2_IREF_0 (R/W)
[3:0] TRM_AMP2_IREF_0 (R/W)
[6:5] RESERVED
[4] TRM_AMP2_IREF_SEL_0 (R/W)
Table 42. Bit Descriptions for SIG_PATH9_0
Bits
Bit Name
Description
Reset
Access
7
BYPASS_TRM_AMP2_IREF_0
Bypass Fused Value of TRM_AMP2_IREF_0
0x0
R/W
[6:5]
RESERVED
Reserved
0x0
R
4
TRM_AMP2_IREF_SEL_0
Amplifier 2 IREF Trim Select 0
0x0
R/W
[3:0]
TRM_AMP2_IREF_0
Amplifier 2 IREF Trim 0
0x0
R/W
Address: 0x10A, Reset: 0x00, Name: SIG_PATHA_0
Bypas s Fus ed Value of AMP2_EN_0
Internal Trim Data
Enable Am plifier 2 (TXEN=0)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] BYPASS_TRM_AMP2_EN_0 (R/W)
[0] AMP2_EN_0 (R/W)
[6:1] RESERVED
Table 43. Bit Descriptions for SIG_PATHA_0
Bits
Bit Name
Description
Reset
Access
7
BYPASS_TRM_AMP2_EN_0
Bypass Fused Value of AMP2_EN_0 Internal Trim Data
0x0
R/W
[6:1]
RESERVED
Reserved
0x0
R
0
AMP2_EN_0
Enable Amplifier 2 (TXEN = 0)
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com