Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL6316ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
500 MHz to 1000 MHz Transmit VGA
for Use with RF DACs and Transceivers
Data Sheet
ADL6316
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Transmit VGA for RF DAC, transceiver, and SoC to power
amplifier interface
RF output frequency range: 500 MHz to 1000 MHz
Internal balun with bias tee to supply RF DAC outputs
Integrated VVA attenuation range with on-chip DAC: 20.5 dB
2-stage high linearity amplifiers
RF DSA attenuation range: 14 dB with 0.45 dB step
resolution
50 Ω differential inputs and 50 Ω single-ended output
Fully programmable via a 4-wire SPI
Single 5 V supply
38-terminal, 10.5 mm × 5.5 mm LGA
APPLICATIONS
2G/3G/4G/long-term evolution (LTE) in FDD/TDD broadband
communication systems
GENERAL DESCRIPTION
The ADL6316 is a transmit variable gain amplifier (VGA) that
provides an interface from radio frequency digital-to-analog
converters (RF DACs), transceivers, and systems on a chip (SoC)
to power amplifiers. Integrated balun and hybrid couplers allow
high performance RF capability in the frequency range of
500 MHz to 1000 MHz.
To optimize performance vs. power level, the ADL6316 includes
a voltage variable attenuator (VVA), high linearity amplifiers,
and a digital step attenuator (DSA). All of the devices integrated
into the ADL6316 are programmable via a 4-wire serial port
interface (SPI).
The ADL6316 is manufactured on an advanced silicon germanium
(SiGe), bipolar complementary metal-oxide semiconductor
(BiCMOS) process.
Table 1. Related Devices in Transmit VGA Family
Parameter
Frequency Range (MHz)
ADL6316
500 to 1000
ADL6317
1500 to 3000
FUNCTIONAL BLOCK DIAGRAM
DAC
AMP1
ADL6316
CS5
MUXOUT
VVA_ANALOG
ANALOG
MUX
TEMPERATURE
SENSOR
3.3V
LDO
1.8V SPI
LDO
ADC
GND
GND
SERIAL PORT INTERFACE
FUSE
BLOCK
AMP1
AMP2
AMP2
VVA
TXEN
CS
SDI
SCLK
SDO
GND
GND
GND
GND
IN_N
IN_P
VDAC
GND
GND
GND
GND
GND
V50AMP1
V33FUSE
V50AMP2
GND
GND
RFOUT
GND
GND
GND
GND
CS4
VVA
DSA
DSA
Figure 1.


Similar Part No. - ADL6316ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6316 AD-ADL6316 Datasheet
1Mb / 38P
Transmit VGA for Use with RF DACs and Transceivers
May-2020
More results

Similar Description - ADL6316ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF8010 TI-TRF8010 Datasheet
185Kb / 10P
900-MHz RF TRANSMIT DRIVER
TRF8011 TI-TRF8011 Datasheet
142Kb / 8P
900-MHz RF TRANSMIT DRIVER
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
6/04-Revision 0
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Texas Instruments
TRF8011 TI1-TRF8011_09 Datasheet
154Kb / 8P
900-MHz RF TRANSMIT DRIVER
TRF8010_1998 TI1-TRF8010_1998 Datasheet
188Kb / 10P
900-MHz RF TRANSMIT DRIVER
logo
Analog Devices
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
6/13-Rev. 0 to Rev. A
ADL6317 AD-ADL6317 Datasheet
1Mb / 38P
Transmit VGA for Use with RF DACs and Transceivers
May-2020
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com