Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
ADL6316
Data Sheet
Rev. 0 | Page 24 of 37
REGISTER SUMMARY
Table 21. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x000
ADI_SPI_
CONFIG
[7:0]
SOFTRESET_
LSB_
FIRST_
ENDIAN_
SDOACTIVE_
SDOACTIVE
ENDIAN
LSB_
FIRST
SOFTRESET
0x00
R/W
0x001
REG_0X0001
[7:0]
SINGLE_
INSTRUCTION
CSB_
STALL
MASTER_
SLAVE_RB
RESERVED
SOFT_RESET
MASTER_
SLAVE_
TRANSFER
0x00
R/W
0x003
CHIPTYPE
[7:0]
CHIPTYPE
0x00
R
0x004
PRODUCT_
ID_L
[7:0]
PRODUCT_ID[7:0]
0x00
R
0x005
PRODUCT_
ID_H
[7:0]
PRODUCT_ID[15:8]
0x00
R
0x00A
SCRATCHPAD
[7:0]
SCRATCHPAD
0x00
R/W
0x00B
SPI_REV
[7:0]
SPI_REV
0x00
R
0x010
VARIANT_
FEOL
[7:0]
FEOL
VARIANT
0x00
R
0x011
BEOL_SIF
[7:0]
SIF
BEOL
0x01
R
0x012
SPARE_012
[7:0]
SPARE_012
0x00
R
0x013
SPARE_013
[7:0]
SPARE_013
0x00
R
0x100
SIG_PATH0_0
[7:0]
DAC_EN
AMUX_
BG_EN
ADC_EN
EN_IBIASGEN
DSA_EN
VVA_EN
RESERVED
0x40
R/W
0x101
SIG_PATH1_0
[7:0]
RESERVED
IP3_OFF
LDO33_EN
0x01
R/W
0x102
SIG_PATH2_0
[7:0]
RESERVED
DSA_ATTEN_0
0x3F
R/W
0x103
SIG_PATH3_0
[7:0]
VVA_ATTEN[7:0]
0x00
R/W
0x104
SIG_PATH4_0
[7:0]
RESERVED
VVA_ATTEN[11:8]
0x00
R/W
0x105
SIG_PATH5_0
[7:0]
RESERVED
VVA_SRC
0x00
R/W
0x106
SIG_PATH6_0
[7:0]
RESERVED
EN_IBIASGEN_
RESISTOR
0x00
R/W
0x107
SIG_PATH7_0
[7:0]
BYPASS_TRM_
AMP1_IREF_0
RESERVED
TRM_AMP1_
IREF_SEL_0
TRM_AMP1_IREF_0
0x00
R/W
0x108
SIG_PATH8_0
[7:0]
BYPASS_TRM_
AMP1_EN_0
RESERVED
AMP1_EN_0
0x00
R/W
0x109
SIG_PATH9_0
[7:0]
BYPASS_TRM_
AMP2_IREF_0
RESERVED
TRM_AMP2_
IREF_SEL_0
TRM_AMP2_IREF_0
0x00
R/W
0x10A
SIG_PATHA_0
[7:0]
BYPASS_TRM_
AMP2_EN_0
RESERVED
AMP2_EN_0
0x00
R/W
0x10B
SIG_PATHB_0
[7:0]
SPARE_10B
TRM_AMP2_CB
0x00
R/W
0x112
SIG_PATH2_1
[7:0]
RESERVED
DSA_ATTEN_1
0x20
R/W
0x117
SIG_PATH7_1
[7:0]
BYPASS_TRM_
AMP1_IREF_1
RESERVED
TRM_AMP1_
IREF_SEL_1
TRM_AMP1_IREF_1
0x00
R/W
0x118
SIG_PATH8_1
[7:0]
BYPASS_TRM_
AMP1_EN_1
RESERVED
AMP1_EN_1
0x00
R/W
0x119
SIG_PATH9_1
[7:0]
BYPASS_TRM_
AMP2_IREF_1
RESERVED
TRM_AMP2_
IREF_SEL_1
TRM_AMP2_IREF_1
0x00
R/W
0x11A
SIG_PATHA_1
[7:0]
BYPASS_TRM_
AMP2_EN_1
RESERVED
AMP2_EN_1
0x00
R/W
0x11B
SIG_PATHB_1
[7:0]
SPARE_11B
TRM_AMP2_IP3
0x00
R/W
0x120
AMUX_SEL
[7:0]
RESERVED
AMUX_3_SEL
AMUX_2_
SEL
AMUX_1_SEL
0x20
R/W
0x121
MULTI_FUNC_
CTRL_0111
[7:0]
RESERVED
SPI_1P8_
3P3_CTRL
AMUX_EX
0x00
R/W
0x127
ADC_
CONTROL_
[7:0]
RESERVED
ADC_CLOCK_
DIV_EN
ADC_MUX_
SEL
RESERVED
ADC_CLK_FREQ
0x00
R/W
0x128
ADC_EOC
[7:0]
RESERVED
ADC_EOC
0x00
R
0x129
ADC_OUT
[7:0]
TEMP_ADC_OUT
0x00
R
0x146
GENERIC_
READBACK_2
[7:0]
VVA_ATTEN_RDBK[7:0]
0x00
R
0x147
GENERIC_
READBACK_3
[7:0]
RESERVED
VVA_ATTEN_RDBK[11:8]
0x00
R
0x148
GENERIC_
READBACK_4
[7:0]
RESERVED
DSA_ATTEN_RDBK
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com