Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL6316ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ADL6316
Data Sheet
Rev. 0 | Page 2 of 37
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Digital Logic Timing.................................................................... 4
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 14
RF Input Balun with DAC Interface Network........................ 14
Quadrature Hybrid..................................................................... 14
RF Signal Chain .......................................................................... 14
Basic Connections .......................................................................... 15
Programmability Guide................................................................. 16
Signal Path Modes...................................................................... 16
Auxiliary Mux Control .............................................................. 16
Serial Port Interface (SPI) ......................................................... 18
Device Setup.................................................................................... 19
Applications Information .............................................................. 21
Linearity Optimization.............................................................. 21
Performance and Power Optimization.................................... 21
Adjacent and Alternate Channel Power Ratios on LTE
Operation .................................................................................... 21
Layout .......................................................................................... 22
Characterization Setups................................................................. 23
Register Summary .......................................................................... 24
Register Details ............................................................................... 25
Outline Dimensions....................................................................... 37
Ordering Guide .......................................................................... 37
REVISION HISTORY
10/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com