Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ADL6316
Data Sheet
Rev. 0 | Page 10 of 37
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
–40 –38 –36 –34 –32 –30 –28 –26 –24 –22 –20 –18 –16 –14 –12 –10
INPUT POWER (dBm)
TC = –20°C
TC = +40°C
TC = +105°C
RF FREQUENCY = 869MHz
RF FREQUENCY = 960MHz
RF FREQUENCY = 620MHz
Figure 18. OIP2 vs. Input Power for Various Temperatures at 620 MHz,
869 MHz, and 960 MHz
FREQUENCY (MHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
500
550
600
650
700
750
800
850
900
950
1000
VVA ATTENUATION = 0dB
VVA ATTENUATION = 10dB
VVA ATTENUATION = 20.5dB
TC = –20°C
TC = +40°C
TC = +105°C
Figure 19. Noise Figure vs. Frequency for Various Temperatures at
Various VVA Values; DSA Attenuation = 0 dB
FREQUENCY (MHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
500
550
600
650
700
750
800
850
900
950
1000
TC = –20°C
TC = +40°C
TC = +105°C
DSA ATTENUATION = 0dB
DSA ATTENUATION = 7dB
DSA ATTENUATION = 14dB
Figure 20. Noise Figure vs. Frequency for Various Temperatures at
Various DSA Values; VVA Attenuation = 0 dB
0
5
10
15
20
25
30
35
40
45
50
55
60
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
VVA ATTENUATION (dB)
OIP2
OIP3
GAIN
OP1dB
NOISE FIGURE
Figure 21. Gain, OP1dB, OIP3, OIP2, Noise Figure vs. VVA Attenuation;
DSA Attenuation = 0 dB, Frequency = 620 MHz
0
5
10
15
20
25
30
35
40
45
50
55
60
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DSA ATTENUATION (dB)
OIP2
OIP3
GAIN
OP1dB
NOISE FIGURE
Figure 22. Gain, OP1dB, OIP3, OIP2, Noise Figure vs. DSA Attenuation;
VVA Attenuation = 0 dB, Frequency = 620 MHz
0
5
10
15
20
25
30
35
40
45
50
55
60
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
VVA ATTENUATION (dB)
OIP2
OIP3
GAIN
OP1dB
NOISE FIGURE
Figure 23. Gain, OP1dB, OIP3, OIP2, Noise Figure vs. VVA Attenuation;
DSA Attenuation = 0 dB, Frequency = 869 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com