Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 169 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 169 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 165Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 166Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 167Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 168Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 169Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 170Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 171Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 172Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 173Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
169 of 183
AC CHARACTERISTICS: LAYER 1 PORTS
(VDD = 3.0V to 3.6V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 9)
100
RC/TC Clock Period
t1
(Note 10)
19
ns
(Note 9)
40
RC/TC Clock Low Time
t2
(Note 10)
8
ns
(Note 9)
40
RC/TC Clock High Time
t3
(Note 10)
8
ns
(Note 9)
5
RD Setup Time to the Falling Edge or
Rising Edge of RC
t4
(Note 10)
2
ns
RS/TS Setup Time from the Falling
Edge or Rising Edge of RC/TC
t4
(Note 9)
5
t1 - 10
ns
(Note 9)
5
RD Hold Time from the Falling Edge or
Rising Edge of RC
t5
(Note 10)
5
ns
RS/TS Hold Time from the Falling Edge
or Rising Edge of RC/TC
t5
(Note 9)
5
t1 - 10
ns
(Note 9)
5
25
Delay from the Rising Edge or Falling
Edge of TC to Data Valid on TD
t6
(Note 10)
3
15
ns
Note 9: Ports 0 to 15 in applications running up to 10MHz.
Note 10: Port 0, 1, or 2 running in applications up to 52MHz.
Note 11: Aggregate, maximum bandwidth and port speed for the DS31256 are directly proportional to PCLK frequency. Throughput
measurements are made at PCLK = 33MHz.
Figure 13-1. Layer 1 Port AC Timing Diagram
RC[n] / TC[n]
Normal Mode
RD[n] / RS[n] /
TS[n]
TD[n]
t4
t5
t6
t1
t2
t3
RC[n] / TC[n]
Inverted Mode
l1 ac
Note: TC and RC are independent of each other. In the above timing diagram, all the signals beginning with “T” reference the
transmit clock TC; all signals beginning with “R” reference the receive clock RC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com