Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 170 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 170 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 166Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 167Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 168Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 169Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 170Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 171Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 172Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 173Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 174Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
170 of 183
AC CHARACTERISTICS: LOCAL BUS IN BRIDGE MODE (LMS = 0)
(VDD = 3.0V to 3.6V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Delay Time from the Rising Edge of PCLK
to Output Valid from Tri-state
t1
7
17
ns
Delay Time from the Rising Edge of PCLK
to Tri-State from Output Valid
t2
7
15
ns
Delay Time from the Rising Edge of PCLK
to Output Valid from an Already Active
Drive State
t3
6
14
ns
LD[15:0] Setup Time to the Rising Edge of
PCLK
t4
1
ns
LD[15:0] Hold Time from the Rising Edge
of PCLK
t5
5
ns
Input Setup Time to the Rising Edge of
PCLK
t6
1
ns
Input Hold Time from the Rising Edge of
PCLK
t7
5
ns
Delay Time from the Rising Edge of PCLK
to the Rising Edge of LCLK
t8
4
7
ns
Delay Time from the Falling Edge of
PCLK to the Falling Edge of LCLK
t9
5
8
ns
Figure 13-2. Local Bus Bridge Mode (LMS = 0) AC Timing Diagram
Data Valid
PCLK
LINT, LRDY
LHLDA (
LBG)
LD[15:0]
LA[19:0],
LWR (LR/W),
LRD (LDS), LBHE
LA[19:0], LD[15:0],
LBHE,
LWR (LR/W), LRD (DS)
Data Valid
Tri-state
Data Valid
LA[19:0],
LWR (LR/W),
LRD (DS), LHOLD (LBR),
LBGACK
t8
LCLK
t9
Tri-state
t3
t5
t4
t6
t7
t2
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com