Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 9Page - Zilog, Inc. ZLP12840 Datasheet HTML 10Page - Zilog, Inc. ZLP12840 Datasheet HTML 11Page - Zilog, Inc. ZLP12840 Datasheet HTML 12Page - Zilog, Inc. ZLP12840 Datasheet HTML 13Page - Zilog, Inc. ZLP12840 Datasheet HTML 14Page - Zilog, Inc. ZLP12840 Datasheet HTML 15Page - Zilog, Inc. ZLP12840 Datasheet HTML 16Page - Zilog, Inc. ZLP12840 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Features
ZLP12840 OTP MCU
Product Specification
2
The ZLP12840 MCU supports 20 interrupt sources with 6 interrupt vectors, as follows:
• 2 from T8, T16 time-out and capture
• 3 from UART Tx, UART Rx, UART BRG
• 1 from LVD
• 14 from SMR source P20-P27, P30-P33, P00, P07
–
Any change of logic from P20-P27, P30-P33 can generate an interrupt or SMR
Additional features include:
• IR learning amplifier
• Low power consumption—11 mW (typical)
• Three standby modes:
–
STOP—1.7 A (typical)
–
HALT—0.6mA (typical)
–
Low voltage reset
• Intelligent counter/timer architecture to automate generation or reception and demod-
ulation of complex waveform and pulsed signals:
–
One programmable 8-bit counter/timer with two capture registers and two load
registers
–
One programmable 16-bit counter/timer with one 16-bit capture register pair and
one 16-bit load register pair
–
Programmable input glitch filter for pulse reception
–
The UART baud rate generator can be used as another 8-bit timer when the UART
is not in use.
• Six priority interrupts
–
Three external/UART interrupts
–
Two assigned to counter/timers
–
One low-voltage detection interrupt
• 8-bit UART
–
RX, TX interrupts
–
4800, 9600, 19200 and 38400 baud rates
–
Parity Odd/Even/None
–
Stop bits 1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com