Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 31 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 31 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 27Page - Zilog, Inc. ZLP12840 Datasheet HTML 28Page - Zilog, Inc. ZLP12840 Datasheet HTML 29Page - Zilog, Inc. ZLP12840 Datasheet HTML 30Page - Zilog, Inc. ZLP12840 Datasheet HTML 31Page - Zilog, Inc. ZLP12840 Datasheet HTML 32Page - Zilog, Inc. ZLP12840 Datasheet HTML 33Page - Zilog, Inc. ZLP12840 Datasheet HTML 34Page - Zilog, Inc. ZLP12840 Datasheet HTML 35Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port Configuration Register (PCON)
ZLP12840 OTP MCU
Product Specification
20
Port Configuration Register (PCON)
The Port Configuration (PCON) register, shown in Table 9, configures the Port 0 output
mode and the comparator output on Port 3. The PCON register is located in expanded reg-
ister Bank F, address 00h.
This register is not reset after a stop-mode recovery.
Table 9. Port Configuration Register (PCON)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
Port 0 Output Mode
Reserved Comp./IR Amp. Output Port 3
Reset
X
X
X
X
X
1
X
0
R/W
—
W
—
W
Address
Bank F: 00h; Linear: F00h
Bit
Position
Value Description
[7:3]
—
Reserved—Writes have no effect; reads 11111b.
[2]
0
1
Port 0 Output Mode—Controls the output mode of port 0. Write only; reads return 1.
Open-drain
Push/pull
[1]
—
Reserved—Writes have no effect; reads 1.
[0]
0
1
Comparator or IR Amplifier Output Port 3—
Select digital outputs or comparator and
IR amplifier outputs on P34 and P37. Write only; reads return 1.
P34 and P37 outputs are digital.
P34 is Comparator 1 or IR Amplifier output, P37 is Comparator 2 output.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com