Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 56 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 56 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 50Page - Zilog, Inc. ZLP12840 Datasheet HTML 51Page - Zilog, Inc. ZLP12840 Datasheet HTML 52Page - Zilog, Inc. ZLP12840 Datasheet HTML 53Page - Zilog, Inc. ZLP12840 Datasheet HTML 54Page - Zilog, Inc. ZLP12840 Datasheet HTML 55Page - Zilog, Inc. ZLP12840 Datasheet HTML 56Page - Zilog, Inc. ZLP12840 Datasheet HTML 57Page - Zilog, Inc. ZLP12840 Datasheet HTML 58Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Operation
ZLP12840 OTP MCU
Product Specification
45
Transmitting Data Using the Polled Method
Follow the steps below to transmit data using the polled method of operation:
1. Write to the baud rate generator constant (BCNST) register, address ðÚì¸, to set the
appropriate baud rate.
2. Write a 0 to bit 6 of the P01M register.
3. Write to the UART control register (UCTL) to:
a. Set the transmit enable bit, UCTL[7], to enable the UART for data transmission.
b. If parity is appropriate, set the parity enable bit, UCTL[4] to 1 and select either
Even or Odd parity (UCTL[3]).
4. Check the Transmit Status register bit, UST[2], to determine if the Transmit Data reg-
ister is empty (indicated by a 1). If empty, continue to Step 6. If the Transmit Data reg-
ister is full (indicated by a 0), continue to monitor the UST[2] bit until the Transmit
Data register becomes available to receive new data.
5. Write the data byte to the UART Transmit Data register, ðÚï¸. The transmitter auto-
matically transfers the data to the internal transmit shift register and transmits the data.
6. To transmit additional bytes, return to Step 4.
Figure 14. UART Asynchronous Data Format without Parity
Figure 15. UART Asynchronous Data Format with Parity
1
1
lsb
msb
0
2
Idle state
of line
Stop bit(s)
Data field
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Start
1
1
lsb
msb
0
2
Idle state
of line
Stop bit(s)
Data field
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 7
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com