Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 36 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 36 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 32Page - Zilog, Inc. ZLP12840 Datasheet HTML 33Page - Zilog, Inc. ZLP12840 Datasheet HTML 34Page - Zilog, Inc. ZLP12840 Datasheet HTML 35Page - Zilog, Inc. ZLP12840 Datasheet HTML 36Page - Zilog, Inc. ZLP12840 Datasheet HTML 37Page - Zilog, Inc. ZLP12840 Datasheet HTML 38Page - Zilog, Inc. ZLP12840 Datasheet HTML 39Page - Zilog, Inc. ZLP12840 Datasheet HTML 40Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 3 Mode Register
ZLP12840 OTP MCU
Product Specification
25
Port 3 Mode Register
The Port 3 Mode Register is used primarily to configure the functionality of the Port 3
inputs. When bit 2 is set, the IR Learning Amplifier is used instead of the COMP1 com-
parator, regardless of the value of bit 1. See Table 14.
This register is not reset after a stop-mode recovery.
Table 14. Port 3 Mode Register (P3M)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
IR Learning
Amplifier
Digital/Analog
Mode
Port 2 Open-
Drain
Reset
X
X
X
X
X
0
0
0
R/W
—————
W
WW
Address
Bank Independent: F7h; Linear 0F7h
Bit
Position
R/W
Value Description
[7:3]
——
Reserved—Writes have no effect. Reads return 11111b.
[2]
W0
1
IR Learning Amplifier disabled.
IR Learning Amplifier enabled with P31 configured as amplifier input.
[1]
W
0
1
Digital/Analog Mode
P30, P31, P32, P33 are digital inputs.
P30, P32, and P33 are comparator inputs. If P3M[2]=0, P31 is also a
comparator input. If P3M[2]=1, P31 is the IR amplifier input.
[0]
W0
1
Port 2 open-drain.
Port 2 push/pull.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com