Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 18 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 14Page - Zilog, Inc. ZLP12840 Datasheet HTML 15Page - Zilog, Inc. ZLP12840 Datasheet HTML 16Page - Zilog, Inc. ZLP12840 Datasheet HTML 17Page - Zilog, Inc. ZLP12840 Datasheet HTML 18Page - Zilog, Inc. ZLP12840 Datasheet HTML 19Page - Zilog, Inc. ZLP12840 Datasheet HTML 20Page - Zilog, Inc. ZLP12840 Datasheet HTML 21Page - Zilog, Inc. ZLP12840 Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Pin Description
ZLP12840 OTP MCU
Product Specification
7
Table 4 identifies the functions and signal direction of each pin within the 20-pin PDIP,
SOIC, and SSOP packages by function.
Table 4. ZLP12840 MCU 20-Pin PDIP/SOIC/SSOP Functional Pin Identification
Pin #
Symbol
Function
Direction
131
P00
Port 0, bit 0
Input/Output
P30
Port 3, bit 0
Input
14
P01
Port 0, bit 1
Input/Output
4
P07
Port 0, bit 7
Input/Output
16
P20
Port 2, bit 0
Input/Output
17
P21
Port 2, bit 1
Input/Output
18
P22
Port 2, bit 2
Input/Output
19
P23
Port 2, bit 3
Input/Output
20
P24
Port 2, bit 4
Input/Output
1
P25
Port 2, bit 5
Input/Output
2
P26
Port 2, bit 6
Input/Output
3
P27
Port 2, bit 7
Input/Output
8
P31
Port 3, bit 1
Input
9
P32
Port 3, bit 2
Input
10
P33
Port 3, bit 3
Input
11
P34
Port 3, bit 4
Output
12
P36
Port 3, bit 6
Output
5VDD
Power Supply
15VSS
Ground
7
XTAL1
Crystal oscillator
Input
6
XTAL2
Crystal oscillator
Output
Note: When the Port 0 high-nibble pull-up option is enabled and the P30 input is Low, current flows
through the pull-up to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com