Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 35 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 31Page - Zilog, Inc. ZLP12840 Datasheet HTML 32Page - Zilog, Inc. ZLP12840 Datasheet HTML 33Page - Zilog, Inc. ZLP12840 Datasheet HTML 34Page - Zilog, Inc. ZLP12840 Datasheet HTML 35Page - Zilog, Inc. ZLP12840 Datasheet HTML 36Page - Zilog, Inc. ZLP12840 Datasheet HTML 37Page - Zilog, Inc. ZLP12840 Datasheet HTML 38Page - Zilog, Inc. ZLP12840 Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 2 Register
ZLP12840 OTP MCU
Product Specification
24
Port 2 Register
The Port 2 Register allows read and write access to the Port 2 pins. See Table 13.
Table 13. Port 2 Register (P2)
Bit
7
6
5
4
3
2
1
0
Field
P27
P26
P25
P24
P23
P22
P21
P20
Reset
XX
X
XXX
XX
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
Bank 0–3: 02h; Linear: 002h
Bit
Position Value Description
[7:0]
Read:
0
1
Write:
0
1
Port 2 Pins 7–0—Each bit provides access to the corresponding Port 2 pin.
(Pin configured as input or output in P2M register.)
Pin level is Low.
Pin level is High.
(Pin configured as output in P2M register.)
Assert pin Low.
Assert pin High if configured as push-pull; make pin high-impedance if it is open drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com