Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 34 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 30Page - Zilog, Inc. ZLP12840 Datasheet HTML 31Page - Zilog, Inc. ZLP12840 Datasheet HTML 32Page - Zilog, Inc. ZLP12840 Datasheet HTML 33Page - Zilog, Inc. ZLP12840 Datasheet HTML 34Page - Zilog, Inc. ZLP12840 Datasheet HTML 35Page - Zilog, Inc. ZLP12840 Datasheet HTML 36Page - Zilog, Inc. ZLP12840 Datasheet HTML 37Page - Zilog, Inc. ZLP12840 Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 2 Mode Register
ZLP12840 OTP MCU
Product Specification
23
Port 2 Mode Register
The Port 2 Mode Register determines the I/O direction of each bit on Port 2. Bit 0 of the
Port 3 Mode Register determines whether the output drive is push/pull or open-drain. See
Table 12.
This register is not reset after a stop-mode recovery.
Table 12. Port 2 Mode Register (P2M)
Bit
7
6
5
4
3
2
1
0
Field
P27 I/O
Definition
P26 I/O
Definition
P25 I/O
Definition
P24 I/O
Definition
P23 I/O
Definition
P22 I/O
Definition
P21 I/O
Definition
P20 I/O
Definition
Reset
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
Bank Independent: F6h; Linear: 0F6h
Bit
Position
Value Description
[7]0
1
Defines P27 as output.
Defines P27 as input.
[6]0
1
Defines P26 as output.
Defines P26 as input.
[5]0
1
Defines P25 as output.
Defines P25 as input.
[4]0
1
Defines P24 as output.
Defines P24 as input.
[3]0
1
Defines P23 as output.
Defines P23 as input.
[2]0
1
Defines P22 as output.
Defines P22 as input.
[1]0
1
Defines P21 as output.
Defines P21 as input.
[0]0
1
Defines P20 as output.
Defines P20 as input.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com