Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 10Page - Zilog, Inc. ZLP12840 Datasheet HTML 11Page - Zilog, Inc. ZLP12840 Datasheet HTML 12Page - Zilog, Inc. ZLP12840 Datasheet HTML 13Page - Zilog, Inc. ZLP12840 Datasheet HTML 14Page - Zilog, Inc. ZLP12840 Datasheet HTML 15Page - Zilog, Inc. ZLP12840 Datasheet HTML 16Page - Zilog, Inc. ZLP12840 Datasheet HTML 17Page - Zilog, Inc. ZLP12840 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Features
ZLP12840 OTP MCU
Product Specification
3
• Low voltage detection and high voltage detection flags
• Programmable Watch-Dog Timer/Power-On Reset circuits
• Two on-board analog comparators with independent reference voltages and program-
mable interrupt polarity
• One-time programmable EPROM option bits (On/Off)
–
Port 0 pins 0–3 pull-up transistors
–
Port 0 pins 4–7 pull-up transistors
–
Port 2 pins 0–7 pull-up transistors
–
EPROM Protection
–
Watch-dog timer enabled at Power-on reset
All signals with an overline, “ ”, are active Low. For example, B/W, in which WORD is
active Low, and B/W, in which BYTE is active Low.
Power connections use the conventional descriptions listed in Table 2.
Table 2. Power Connections
Connection
Circuit
Device
PowerVCC
VDD
Ground
GNDVSS
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com