Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 32 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 28Page - Zilog, Inc. ZLP12840 Datasheet HTML 29Page - Zilog, Inc. ZLP12840 Datasheet HTML 30Page - Zilog, Inc. ZLP12840 Datasheet HTML 31Page - Zilog, Inc. ZLP12840 Datasheet HTML 32Page - Zilog, Inc. ZLP12840 Datasheet HTML 33Page - Zilog, Inc. ZLP12840 Datasheet HTML 34Page - Zilog, Inc. ZLP12840 Datasheet HTML 35Page - Zilog, Inc. ZLP12840 Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 0 Mode Register
ZLP12840 OTP MCU
Product Specification
21
Port 0 Mode Register
The Port 0 Mode Register determines the I/O direction of Port 0. The Port 0 direction is
nibble-programmable. Bit 6 controls the upper nibble of Port 0, bits [7:3]. Bit 0 controls
the lower nibble of Port 0, bits [3:0]. See Table 11.
Only P00, P01, and P07 are available on Crimzon™ ZLP12840 MCU 20-pin configura-
tions.
Table 10. Port 0 Mode Register (P01M)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
P07:P04 Mode
Reserved
P03:P00 Mode
Reset
X
1
XXXX
X1
R/W
—
W
—————
W
Address
Bank Independent: F8h; Linear: 0F8h
Bit
Position
Value Description
7
0
Reserved—Writes have no effect. Reads 1b.
[6]
0
1
P07:P04 Mode
Output.
Input.
[5:1]
—
Reserved—Writes have no effect. Reads 11111b.
[0]
0
1
P00:P03 Mode
Output.
Input.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com