Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 37 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 37 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 33Page - Zilog, Inc. ZLP12840 Datasheet HTML 34Page - Zilog, Inc. ZLP12840 Datasheet HTML 35Page - Zilog, Inc. ZLP12840 Datasheet HTML 36Page - Zilog, Inc. ZLP12840 Datasheet HTML 37Page - Zilog, Inc. ZLP12840 Datasheet HTML 38Page - Zilog, Inc. ZLP12840 Datasheet HTML 39Page - Zilog, Inc. ZLP12840 Datasheet HTML 40Page - Zilog, Inc. ZLP12840 Datasheet HTML 41Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 3 Register
ZLP12840 OTP MCU
Product Specification
26
Port 3 Register
The Port 3 Register allows read access to port pins P33 through P30 and write access to
the port pins P37 through P34. See Table 15.
Table 15. Port 3 Register (P3)
Bit
7
6
5
4
3
2
1
0
Field
P37
P36
P35
P34
P33
P32
P31
P30
Reset
0
0
0
0
X
X
X
X
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
Banks 0–3: 03h; Linear: 003h
Bit
Position Value Description
[7]
Write:
0
1
Port 3, pin 7 Output—Writes to this bit do not affect the pin state if write-only register
bit PCON[0] has been written with a 1, which configures P37 as the Comparator 1 or
IR Amplifier output.
P37 asserted Low if PCON[0]=0.
P37 asserted High if PCON[0]=0.
A read returns the last value written to this bit.
[6]
Write:
0
1
Port 3, pin 6 Output—Writes to this bit do not affect the pin state if register bits
CTR1[7:6]=01, which configures P36 as the Timer 8 and Timer 16 combined logic
output.
P36 asserted Low.
P36 asserted High.
A read returns the last value written to this bit.
[5]
Write:
0
1
Port 3, pin 5 Output—Writes to this bit do not affect the pin state if register bit
CTR2[0]=1, which configures P35 as the Timer 16 output.
P35 asserted Low.
P35 asserted High.
A read returns the last value written to this bit.
[4]
Write:
0
1
Port 3, pin 4 Output—Writes to this bit do not affect the pin state if write only register bit
PCON[0]=1, which configures P34 as Comparator 2 output, or register bit CTR0[0]=1,
which configures P34 as Timer 8 output.
P34 asserted Low.
P34 asserted High.
A read returns the last value written to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com