Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 23 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 19Page - Zilog, Inc. ZLP12840 Datasheet HTML 20Page - Zilog, Inc. ZLP12840 Datasheet HTML 21Page - Zilog, Inc. ZLP12840 Datasheet HTML 22Page - Zilog, Inc. ZLP12840 Datasheet HTML 23Page - Zilog, Inc. ZLP12840 Datasheet HTML 24Page - Zilog, Inc. ZLP12840 Datasheet HTML 25Page - Zilog, Inc. ZLP12840 Datasheet HTML 26Page - Zilog, Inc. ZLP12840 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 0
ZLP12840 OTP MCU
Product Specification
12
Port 0
Port 0 is an 8-bit, bidirectional, CMOS-compatible port. Its eight I/O lines are configured
under software control to create a nibble I/O port. The output drivers are push/pull or
open-drain, controlled by bit 2 of the PCON register.
If one or both nibbles are required for I/O operation, they must be configured by writing to
the Port 0 Mode Register (P01M). After a hardware reset or a stop-mode recovery (SMR),
Port 0 is configured as an input port.
Port 0, bit 7 is used as the transmit output of the UART when UART Tx is enabled.The I/O
function of Port 0, bit 7 is overridden by the UART serial output (TxD) when UART Tx is
enabled (UCTL[7] = 1). The pin must be configured as an output for TxD data to reach the
pin (P0M[6] = 0).
An optional pull-up transistor is available as an OTP option on all Port 0 bits with nibble
select. See the configuration illustration in Figure 4.
0030–3
03
Port 3
P3
0Xh
26
0F6
All
F6
Port 2 Mode Register
P2M
FFh
23
0F7
All
F7
Port 3 Mode Register
P3M
XXXX_X000b
25
0F8
All
F8
Port 0 Mode Register
P01M
X1 XX_XXX1b
21
F00
F
00
Port Configuration Register
PCON
XXXX_X1X0b
20
Table 7. I/O Port Control Registers (Continued)
Address (Hex)
Reset
12-Bit
Bank 8-Bit
Register Description
Mnemonic
Page #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com