Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 40 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 36Page - Zilog, Inc. ZLP12840 Datasheet HTML 37Page - Zilog, Inc. ZLP12840 Datasheet HTML 38Page - Zilog, Inc. ZLP12840 Datasheet HTML 39Page - Zilog, Inc. ZLP12840 Datasheet HTML 40Page - Zilog, Inc. ZLP12840 Datasheet HTML 41Page - Zilog, Inc. ZLP12840 Datasheet HTML 42Page - Zilog, Inc. ZLP12840 Datasheet HTML 43Page - Zilog, Inc. ZLP12840 Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Register File
ZLP12840 OTP MCU
Product Specification
29
Register File
This device features 1056 bytes of register file space, organized in 256-byte banks. Bank 0
contains 237 bytes of RAM addressed as general-purpose registers, 4 port addresses (of
which one is reserved), and 16 control register addresses. Banks 1, 2, and 3 each contain
256 general-purpose register bytes. Banks D and F each contain 16 addresses for control
registers. All other banks are reserved and must not be selected.
The current bank is selected for 8-bit direct or indirect addressing by writing Register
Pointer bits RP[3:0]. In the current bank, a 16-byte working register group (addressed as
R0–R15) is selected by writing RP[7:4]. A working register operand requires only 4 bits
of program memory. There are 16 working register groups per bank. See Figure 9 on
page 31 and Figure 10 on page 32.
Figure 8. Program/Constant Memory Map (128KB Device)
Program
IRQ 0–5
or
000Ch (Reset)
Page 0
Vectors
Constants
Only
Page 1
0000h
= 16-bit Address (In Page)
{0, 0000h} = {PMPR[0], 16-bit address} (LDC, LDCI Only)
Not to Scale
Constants
{1, 0000h}
{1, FFFFh}
{0, 0000h}
{0, FFFFh} FFFFh
0000h
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com