Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 53 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 49Page - Zilog, Inc. ZLP12840 Datasheet HTML 50Page - Zilog, Inc. ZLP12840 Datasheet HTML 51Page - Zilog, Inc. ZLP12840 Datasheet HTML 52Page - Zilog, Inc. ZLP12840 Datasheet HTML 53Page - Zilog, Inc. ZLP12840 Datasheet HTML 54Page - Zilog, Inc. ZLP12840 Datasheet HTML 55Page - Zilog, Inc. ZLP12840 Datasheet HTML 56Page - Zilog, Inc. ZLP12840 Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Infrared Learning Amplifier
ZLP12840 OTP MCU
Product Specification
42
Infrared Learning Amplifier
The ZLP12840 MCU’s infrared learning amplifier allows the user to detect and decode
infrared transmissions directly from the output of the receiving diode without the need for
external circuitry. See Port 3 on page 14.
An IR diode can be connected to the IR amp as shown in Figure 12. When the IR amp is
enabled and an input current is detected on Port 3, pin 1 (P31), the IR amp outputs a logi-
cal High value. When the input current is below the switching threshold of the IR amp, the
amp outputs a logical Low value.
Within the MCU, the IR amp output goes to the capture/timer logic, which can be pro-
grammed to demodulate the IR signal. The IR amp output can also be read by the CPU, or
drive the Port 3, pin 4 (P34) output if write-only register bit PCON[0] is written with a 1.
The IR learning amp can demodulate signals up to a frequency of 500 KHz. A special
mode exists that allows the user to capture the third, fourth, and fifth edges of the IR amp
output and generate an interrupt.
See Timers on page 57 for details about programming the timers to demodulate a received
signal.
Figure 12. Learning Amplification Circuitry with the ZLP12840 MCU
VCC
D1
Photodiode
P31 of MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com