Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 42 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 42 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 38Page - Zilog, Inc. ZLP12840 Datasheet HTML 39Page - Zilog, Inc. ZLP12840 Datasheet HTML 40Page - Zilog, Inc. ZLP12840 Datasheet HTML 41Page - Zilog, Inc. ZLP12840 Datasheet HTML 42Page - Zilog, Inc. ZLP12840 Datasheet HTML 43Page - Zilog, Inc. ZLP12840 Datasheet HTML 44Page - Zilog, Inc. ZLP12840 Datasheet HTML 45Page - Zilog, Inc. ZLP12840 Datasheet HTML 46Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Register File
ZLP12840 OTP MCU
Product Specification
31
Figure 9. Register File 8-Bit Banked Address Map
F0h–FFh
CPU Control
F0h–FFh
CPU Control
Ports 00h–03h
General
Registers
CPU Control
F0h–FFh
04h–EFh
Purpose
CPU Control
F0h–FFh
CPU Control
F0h–FFh
Bank 0
Banks 1–3
Bank 0
Peripheral
00h–0Fh
Bank D
Control
Bank 0
Peripheral
00h–0Fh
Bank F
Control
= Bank-Independent Address (Always Accesses Bank 0)
General
Registers
04h–EFh
Purpose
CPU Control
F0h–FFh
Ports 00h–03h
General
Purpose
Registers
10h–EFh
General
Purpose
Registers
10h–EFh
* Compiler’s default interrupt service routine working registers.
Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com