Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 50 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 50 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 46Page - Zilog, Inc. ZLP12840 Datasheet HTML 47Page - Zilog, Inc. ZLP12840 Datasheet HTML 48Page - Zilog, Inc. ZLP12840 Datasheet HTML 49Page - Zilog, Inc. ZLP12840 Datasheet HTML 50Page - Zilog, Inc. ZLP12840 Datasheet HTML 51Page - Zilog, Inc. ZLP12840 Datasheet HTML 52Page - Zilog, Inc. ZLP12840 Datasheet HTML 53Page - Zilog, Inc. ZLP12840 Datasheet HTML 54Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Register File Summary
ZLP12840 OTP MCU
Product Specification
39
Register File Summary
Table 20 maps each linear (12-bit) register file address to the associated register, mne-
monic, and reset value. The table also lists the register bank (or banks) and corresponding
8-bit address, if any, for each register, plus a page link to the detailed register diagram.
Throughout this book, an “X” in a number denotes an undefined digit. A “—” (dash) in a
table cell indicates that the corresponding attribute does not apply to the listed item. Reset
value digits highlighted in grey are not reset by a stop-mode recovery. Register bit
SMR[7] (shown in boldface) is set to 1 instead of reset by a stop-mode recovery.
Table 20. Register File Address Summary
Address (Hex)
Reset
12-Bit
Bank 8-Bit
Register Description
Mnemonic
Page #
0000–3
00
Port 0
P0
XXh
22
0010–3
01
Reserved
—
—
—
0020–3
02
Port 2
P2
XXh
24
0030–3
03
Port 3
P3
0Xh
26
004–00F 0
04–0F General-Purpose Registers (Bank 0 Only) —
XXh
—
010–0EF 0,D,F 10–EF General-Purpose Registers (Banks 0, D, F) —
XXh
—
0F0
All
F0
Program Memory Paging Register
PMPR
0 XXX_XXX0b
36
0F1
All
F1
UART Receive/Transmit Data Register
URDATA/
UTDATA
XXh
52
0F2
All
F2
UART Status Register
UST
0 0 00 _00 1 0b
53
0F3
All
F3
UART Control Register
UCTL
00h
54
0F4
All
F4
UART Baud Rate Generator Constant
BCNST
FFh
55
0F5
All
F5
Reserved
—
—
—
0F6
All
F6
Port 2 Mode Register
P2M
FFh
23
0F7
All
F7
Port 3 Mode Register
P3M
XXXX_X0 0 0b
25
0F8
All
F8
Port 0 Mode Register
P01M
X1 XX_XXX1b
21
0F9
All
F9
Interrupt Priority Register
IPR
XXh
88
0FA
All
FA
Interrupt Request Register
IRQ
00h
90
0FB
All
FB
Interrupt Mask Register
IMR
0 XXX_XXXXb
87
0FC
All
FC
Flags Register
FLAGS
XXh
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com