Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 54 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 54 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 50Page - Zilog, Inc. ZLP12840 Datasheet HTML 51Page - Zilog, Inc. ZLP12840 Datasheet HTML 52Page - Zilog, Inc. ZLP12840 Datasheet HTML 53Page - Zilog, Inc. ZLP12840 Datasheet HTML 54Page - Zilog, Inc. ZLP12840 Datasheet HTML 55Page - Zilog, Inc. ZLP12840 Datasheet HTML 56Page - Zilog, Inc. ZLP12840 Datasheet HTML 57Page - Zilog, Inc. ZLP12840 Datasheet HTML 58Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
UART
ZLP12840 OTP MCU
Product Specification
43
UART
The universal asynchronous receiver/transmitter (UART) is a full-duplex communication
channel capable of handling asynchronous data transfers. The two UARTs use a single
8-bit data mode with selectable parity. Features of the UARTs include:
• 8-bit asynchronous data transfer
• Selectable even- and odd-parity generation and checking
• One or two Stop bits
• Separate transmit and receive interrupts
• Framing, overrun, and break detection
• Separate transmit and receive enables
• 8-bit Baud Rate Generator (BRG)
• Baud Rate Generator timer mode
• UART operational during HALT mode
Architecture
The UARTs consist of three primary functional blocks: transmitter, receiver, and Baud
Rate Generator. The UART transmitter and receiver function independently, but employ
the same baud rate and data format. Figure 13 illustrates the UART architecture.
Table 21. UART Control Registers
Address (Hex)
Reset
12-Bit
Bank 8-Bit
Register Description
Mnemonic
Page #
0F1
All
F1
UART Receive/Transmit Data Register
URDATA/
UTDATA
XXh
52
0F2
All
F2
UART Status Register
UST
0000_0010b
53
0F3
All
F3
UART Control Register
UCTL
00h
54
0F4
All
F4
UART Baud Rate Generator Constant
BCNST
FFh
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com