Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 27 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 27 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 23Page - Zilog, Inc. ZLP12840 Datasheet HTML 24Page - Zilog, Inc. ZLP12840 Datasheet HTML 25Page - Zilog, Inc. ZLP12840 Datasheet HTML 26Page - Zilog, Inc. ZLP12840 Datasheet HTML 27Page - Zilog, Inc. ZLP12840 Datasheet HTML 28Page - Zilog, Inc. ZLP12840 Datasheet HTML 29Page - Zilog, Inc. ZLP12840 Datasheet HTML 30Page - Zilog, Inc. ZLP12840 Datasheet HTML 31Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 3
ZLP12840 OTP MCU
Product Specification
16
ter; such reads always return a value of 1. Also, when in ANALOG mode, P31 cannot be
used as a stop-mode recovery source because in STOP mode, the comparator is disabled,
and its output will not toggle. The programming of Bit 2 of the P3M register takes prece-
dence over the programming of Bit 1 in determining the function of P31. If both bits are
set, P31 functions as an IR learning amplifier instead of an analog comparator. As shown
in Figure 6, the output of the function selected for P31 can be used as a source for IRQ2
interrupt assertion. The IRQ2 interrupt can be configured to be based upon detecting a ris-
ing, falling, or edge-triggered input change using Bits 6 and 7 of the IRQ register. The P31
output stage signal also goes to the Counter/Timer edge detection circuitry in the same
way that P20 does.
P32 can be used as an interrupt, analog comparator, UART receiver, normal digital input
and as a stop-mode recovery source. When bit 6 of UCTL is set, P32 functions as a receive
input for the UART. When bit 1 of the P3M Register is set, thereby placing the part into
ANALOG mode, P32 functions as an analog comparator, Comp2. The reference voltage
for Comp2 is P33 (PREF2). P32 can be used as a rising, falling or edge-triggered interrupt,
IRQ0, using IRQ register bits 6 and 7. If UART receiver interrupts are not enabled, the
UART receive interrupt is used as the source of interrupts for IRQ0 instead of P32. When
in ANALOG mode P32 cannot be used as a stop-mode recovery source because the com-
parators are turned OFF in STOP mode.
When in ANALOG mode, P33 cannot be read through bit 3 of the Port 3 Register as a dig-
ital input by the CPU. In this case, a read of bit 3 of the Port 3 Register indicates whether a
Stop-mode recovery condition exists. Reading a value of 0 indicates that a Stop-mode
recovery condition does exist; if the ZLP12840 MCU is presently in STOP mode, it will
exit STOP mode. Reading a value of 1 indicates that no condition exists to remove the
ZLP12840 from STOP mode. Additionally, when in ANALOG mode, P33 cannot be used
as an interrupt source. Instead, the existence of a Stop-mode recovery condition can gener-
ate an interrupt, if enabled. P33 can be used as a falling-edge interrupt, IRQ1, when not in
ANALOG mode. IRQ1 is also used as the UART TX interrupt and the UART BRG inter-
rupt. Only one source is active at a time. If bits 7 and 5 of UCTL are set to 1, IRQ1 will
transmit an interrupt when the Transmit Shift Register is empty. If bits 0 and 5 of UCTL
are set to 1 and bit 6 of UCTL is cleared to 0, the BRG interrupts will activate IRQ1.
Comparators and the IR amplifier are powered down by entering STOP mode. For
P30:P33 to be used as a stop-mode recovery source during STOP mode, these inputs must
be placed into digital mode. When in analog mode, do not configure any Port 3 input as a
stop-mode recovery source. The configuration of these inputs must be re-initialized after
stop-mode recovery or power-on reset.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com