Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 41 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 37Page - Zilog, Inc. ZLP12840 Datasheet HTML 38Page - Zilog, Inc. ZLP12840 Datasheet HTML 39Page - Zilog, Inc. ZLP12840 Datasheet HTML 40Page - Zilog, Inc. ZLP12840 Datasheet HTML 41Page - Zilog, Inc. ZLP12840 Datasheet HTML 42Page - Zilog, Inc. ZLP12840 Datasheet HTML 43Page - Zilog, Inc. ZLP12840 Datasheet HTML 44Page - Zilog, Inc. ZLP12840 Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Register File
ZLP12840 OTP MCU
Product Specification
30
8-bit addresses in the range F0h–FFh (and the equivalent 4-bit addresses) are bank-inde-
pendent, meaning they always access the control registers in Bank 0, regardless of the
RP[3:0] value. Addresses in the range 00h–03h always access the Bank 0 Port registers
unless Bank D or F is selected. (Port 01h is not implemented in this device.) When Bank D
or F is selected, addresses 10h–EFh access the Bank 0 general-purpose registers.
The LDX and LDXI instructions or indirect addressing can be used to access the Bank 1–
3 registers not accessible by 8-bit or working register addresses (12-bit addresses 100h–
103h, 1F0h–1FFh, 200h–203h, 2F0h–2FFh, 300h–303h, and 3F0h–3FFh). See Linear
Memory Addressing on page 33.
Stack
The Stack Pointer register (SPL) is Bank 0 register FFh. Operations that use the stack
pointer always addresses Bank 0, regardless of the RP[3:0] setting. For details about the
stack, see the Z8 LXM CPU Core User Manual (UM0183).
This device does not use a stack pointer high byte. Bank 0 register FEh can be used to
store user data, see User Data Register on page 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com