Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 45Page - Zilog, Inc. ZLP12840 Datasheet HTML 46Page - Zilog, Inc. ZLP12840 Datasheet HTML 47Page - Zilog, Inc. ZLP12840 Datasheet HTML 48Page - Zilog, Inc. ZLP12840 Datasheet HTML 49Page - Zilog, Inc. ZLP12840 Datasheet HTML 50Page - Zilog, Inc. ZLP12840 Datasheet HTML 51Page - Zilog, Inc. ZLP12840 Datasheet HTML 52Page - Zilog, Inc. ZLP12840 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
User Data Register
ZLP12840 OTP MCU
Product Specification
38
User Data Register
Bank-independent register FEh is available for user data storage. See Table 18.
Do not use register FEh as a counter for the DJNZ instruction.
Stack Pointer Register
The Stack Pointer Register contains the 8-bit address of the stack pointer. The stack pointer
resides in Bank 0 of RAM. The stack address is decremented prior to a PUSH operation and
incremented after a POP operation. The stack address always points to the data stored at the
“top” of the stack (the lowest stack address). During a call instruction, the contents of the Pro-
gram Counter are saved on the stack. Interrupts cause the contents of the Program Counter
and Flags registers to be saved on the stack. An overflow or underflow can occur when the
stack address is incremented or decremented during normal operations. The programmer
must prevent this occurrence or unpredictable operations will result. See Table 19.
Table 18. User Data Register (USER)
Bit
7
6
5
4
3
2
1
0
Field
User Data
Reset
X
X
X
X
XX
XX
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
Bank Independent: FEh; Linear: 0FEh
Bit
Position
Value
Description
[7:0]
00h–FFh User Data
Table 19. Stack Pointer Register (SPL)
Bit
7
6
5
4
3
2
1
0
Field
Stack Pointer
Reset
X
X
X
X
XX
XX
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
Bank Independent: FFh; Linear: 0FFh
Bit
Position Description
[7:0]
Stack Pointer
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com