Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840 Datasheet(PDF) 30 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 26Page - Zilog, Inc. ZLP12840 Datasheet HTML 27Page - Zilog, Inc. ZLP12840 Datasheet HTML 28Page - Zilog, Inc. ZLP12840 Datasheet HTML 29Page - Zilog, Inc. ZLP12840 Datasheet HTML 30Page - Zilog, Inc. ZLP12840 Datasheet HTML 31Page - Zilog, Inc. ZLP12840 Datasheet HTML 32Page - Zilog, Inc. ZLP12840 Datasheet HTML 33Page - Zilog, Inc. ZLP12840 Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 3
ZLP12840 OTP MCU
Product Specification
19
Comparator Inputs
In analog mode, P31 and P32 have a comparator front end. The comparator reference is
supplied by P33 and PREF1. In this mode, the P33 internal data latch and its corresponding
IRQ1 are diverted to the stop-mode recovery sources (excluding P31, P32, and P33) as
indicated in Figure 6 on page 15. In digital mode, P33 is used as bit 3 of the Port 3 input
register, which then generates IRQ1.
Comparators are powered down by entering STOP mode. For P30:P33 to be used as a
stop-mode recovery source, these inputs must be placed into digital mode.
Comparator Outputs
The comparators can be programmed to be output on P34 and P37 by setting bit 0 of the
PCON Register.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com