Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 26 of 31
0.1µF L1
VOUT1
0.8µH
1.0V/7A
4.42k
Ω
20k
Ω
C4
100µF
C5
100µF
C6
100µF
0.1µF
SW1
PVIN1
PVIN2
PVIN3
COMP3
12V
GND
ADP5056
PGND
402k
Ω
COMP1
RAMP1
COMP2
PROCESSOR
DDR MEMORY
VCORE
VREG
VBIAS
RT
SYNC/MODE
GND
CFG1
GND
PWRGD
C1
4.7µF
RAMP2
499k
Ω
RAMP3
EN1
EN2
EN3
FB1
L2
SW2
VOUT2
PGND
3.3µH
FB2
INPUT/OUTPUT
3.3V/3.5A
L3
SW3
VOUT3
PGND
C14
47µF
FB3
20k
Ω
13.3k
Ω
1.5V/1.5A
VREG
280k
Ω
BST1
BST2
0.1µF
180pF
BST3
C2
4.7µF
C3
22µF
C8
22µF
C13
10µF
1nF 22.1kΩ
1.5MΩ
1.5nF 30.1kΩ
470pF 30.9kΩ
CFG2
C15
47µF
C16
47µF
2.2µH
4.42k
Ω
20k
Ω
C9
100µF
C10
100µF
C11
100µF
DDR
TERMINATION
LDO
LOGIC
180pF
180pF
CHANNEL 1
7A BUCK
CHANNEL 2
7A BUCK
CHANNEL 3
3A BUCK
INTERNAL
VREG
OSCILLATOR
Figure 47. Typical Application, 12 V Input, fSW = 600 kHz, VOUT1 = 1.0 V, VOUT2 = 3.3 V, VOUT3 = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com