Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 10 of 31
TYPICAL PERFORMANCE CHARACTERISTICS
100
90
80
70
60
50
40
30
20
10
0
0
0.5
7.0
IO (A)
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
Figure 4. Channel 1/Channel 2 Efficiency Curve, VIN = 5 V, fSW = 600 kHz,
FPWM Mode
100
90
80
70
60
50
40
30
20
10
0
0
0.5
7.0
IO (A)
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
Figure 5. Channel 1/Channel 2 Efficiency Curve, VIN = 12 V, fSW = 600 kHz,
FPWM Mode
0.01
0.1
1.0
100
90
80
70
60
50
40
30
20
10
0
IO (A)
VOUT = 1.2V, AUTO PWM/PSM
VOUT = 1.2V, FPWM
VOUT = 1.8V, AUTO PWM/PSM
VOUT = 1.8V, FPWM
VOUT = 2.5V, AUTO PWM/PSM
VOUT = 2.5V, FPWM
VOUT = 3.3V, AUTO PWM/PSM
VOUT = 3.3V, FPWM
Figure 6. Channel 1/Channel 2 Efficiency Curve, VIN = 12 V, fSW = 600 kHz,
FPWM and Automatic PWM/PSM Modes
0
3.0
100
90
80
70
60
50
40
30
20
10
0
0.5
1.0
1.5
2.0
2.5
IO (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
Figure 7. Channel 3 Efficiency Curve, VIN = 5 V, fSW = 600 kHz, FPWM Mode
0
3.0
100
90
80
70
60
50
40
30
20
10
0
0.5
1.0
1.5
2.0
2.5
IO (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
Figure 8. Channel 3 Efficiency Curve, VIN = 12 V, fSW = 600 kHz, FPWM Mode
0.01
0.1
1.0
100
90
80
70
60
50
40
30
20
10
0
IO (A)
VOUT = 1.2V, AUTO PWM/PSM
VOUT = 1.2V, FPWM
VOUT = 1.8V, AUTO PWM/PSM
VOUT = 1.8V, FPWM
VOUT = 2.5V, AUTO PWM/PSM
VOUT = 2.5V, FPWM
VOUT = 3.3V, AUTO PWM/PSM
VOUT = 3.3V, FPWM
Figure 9. Channel 3 Efficiency Curve, VIN = 12 V, fSW = 600 kHz,
FPWM Mode and Automatic PWM/PSM Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com