Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 8 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
28
27
26
25
24
23
22
21
20
CFG1
CFG2
RAMP2
FB2
COMP2
EN2
PWRGD
COMP3
FB3
GND
GND
RAMP1
FB1
COMP1
RT
EN1
GND
VREG
ADP5056
TOP VIEW
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
This pin is for internal test purposes. Connect this pin to ground.
2
GND
This pin is for internal test purposes. Connect this pin to ground.
3
RAMP1
Slope Compensation Setting for Channel 1. Connect a resistor from RAMP1 to ground to set the slope compensation.
4
FB1
Feedback Sensing Input for Channel 1.
5
COMP1
Error Amplifier Output for Channel 1. Connect a resistance and capacitor (RC) network from this pin to ground.
6
RT
Frequency Setting. Connect a resistor from RT to ground to program the switching frequency.
7
EN1
Enable Input for Channel 1.
8
GND
Analog Ground.
9
VREG
Output of the Internal 4.8 V Regulator. The control circuitry is powered from this voltage on this pin. Place a 4.7 μF
ceramic capacitor (X7R or X5R) between this pin to GND.
10
VBIAS
Bias Input Voltage Pin to Supply Internal Regulator.
11
SYNC/MODE
Synchronization Input/Output (SYNC). To synchronize the switching frequency of the device to an external clock,
connect this pin to an external clock with a frequency from 250 kHz to 2700 kHz. This pin can also be configured
as a synchronization output via the CFG1 pin configuration.
FPWM or Automatic PWM/PSM Selection Pin (MODE). When this pin is logic high, each channel works in FPWM
mode. When this pin is logic low, all channels operate in automatic PWM/PSM mode.
12
BST1
Supply Rail for the High-Side Gate Drive in Channel 1. Place a 0.1 μF capacitor (X7R or X5R) between SW1 and BST1.
13
BST3
Supply Rail for the High-Side Gate Drive in Channel 3. Place a 0.1 μF capacitor (X7R or X5R) between SW3 and BST3.
14
PGND
Power Ground for all Channels.
15
SW3
Switching Node Output for Channel 3.
16
PVIN3
Power Input for Channel 3.
17
BST2
Supply Rail for the High-Side Gate Drive in Channel 2. Place a 0.1 μF capacitor (X7R or X5R) between SW2 and BST2.
18
EN3
Enable Input for Channel 3.
19
RAMP3
Slope Compensation Setting for Channel 3. Connect a resistor from RAMP3 to ground to set the slope compensation.
20
FB3
Feedback Sensing Input for Channel 3.
21
COMP3
Error Amplifier Output for Channel 3. Connect an RC network from this pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com