Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 19 of 31
8
0
2
5
7
4
1
3
6
02
4
9
67
8
10 11
13
13
5
12
14 15
TOTAL OUTPUT CURRENT [A]
IDEAL
CH1
CH2
Figure 40. Current Balance in Interleaved Parallel Output Configuration,
VIN = 12 V, VOUT = 1.2 V, fSW = 600 kHz, FPWM Mode
FAST TRANSIENT MODE
The ADP5056 includes fast transient response for large load
step conditions. The ADP5056 feedback pin senses the output
voltage to determine if a load step has occurred. When the output
voltage falls below the specific threshold, the internal loop gain
gradually increases to improve the load transient response
speed. The fast enhanced transient threshold is at −2.5% × VOUT
with five times of nominal gM, where gM = 350 μA/V.
The CFG2 pin needs be programmable to turn on the fast
transient mode.
CH1 50.0mV/DIV
B
W:20.0M
CH4 2.0A/DIV
50Ω BW:20.0M
R1
51.5mV/DIV 100µs
100µs/DIV 50MS/s
A CH4
3.04A
20.0ns/pt
1
4
T
Figure 41. Enable or Disable Fast Transient Mode, Load Transient
Comparison, VIN = 12 V, VOUT = 1.2 V, fSW = 600 kHz, FPWM Mode,
Channel 1 = VOUT with Fast Transient Mode Enable, Channel 3 = VOUT with
Fast Transient Mode Enable, Channel 4 = IOUT
STARTUP WITH PRECHARGED OUTPUT
The buck regulators in the ADP5056 include a precharged start-up
feature to protect the low-side FETs from damage during
startup. If the output voltage is precharged before the regulator
is turned on, the regulator prevents reverse inductor current
(which discharges the output capacitor) until the internal soft
start reference voltage exceeds the precharged voltage on the
feedback (FBx) pin.
CH1 500mV/DIV 1MΩ BW: 20M
CH2 5.0V/DIV
1MΩ BW: 20M
CH3 2.0V/DIV
1MΩ BW: 20M
CH4 1.0A/DIV
50Ω BW: 500M
20.0ms/DIV 500kS/s
A CH1
870mV
2.0µs/pt
1
2
3
4
Figure 42. Channel 1 Startup with Precharged Ouput, VIN = 12 V, VOUT = 1.2 V,
fSW = 600 kHz, FPWM Mode, Channel 1 = VOUT, Channel 2 = EN,
Channel 3 = PWRGD, Channel 4 = IOUT
CURRENT-LIMIT PROTECTION
The ADP5056 uses the emulated current ramp voltage for cycle by
cycle current-limit protection to prevent current runaway. When
the emulated current ramp voltage reaches the valley current-
limit threshold plus the ramp voltage, the high-side MOSFET
turns off and the low-side MOSFET turns on until the next
cycle. If the overcurrent counter reaches 20, the device enters
hiccup mode, and the ADP5056 turns off the low-side MOSFET
only after the inductor current reaches zero. During hiccup
mode, the high-side MOSFET and low-side MOSFET are both
turned off. The device remains in this mode for seven soft start
cycles and then attempts to restart with soft start. If the current-
limit fault is cleared, the device resumes normal operation.
Otherwise, the device re-enters hiccup mode.
PVINx
RRAMP
CRAMP
SWx
VFB
PWM
IRAMP
VRAMP
CYCLE-BY-CYCLE
THRESHOLD
CURRENT-LIMIT
COMPARATOR
HICCUP
CONTROL
BLOCK
ACS*
*ACS IS THE CURRENT SENSING AMPLIFIER.
Figure 43. Current-Limit Circuitry
The buck regulators in the ADP5056 include negative current-
limit protection circuitry to limit certain amounts of negative
current flowing through the low-side MOSFET switch and
high-side MOSFET body diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com