Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 14 of 31
THEORY OF OPERATION
The ADP5056 is a power management unit that combines three
high performance buck regulators in a 43-terminal LGA package
to meet demanding performance and board space requirements.
The device enables direct connection to high input voltages up
to 18 V with no preregulators to make applications simpler and
more efficient.
BUCK REGULATOR OPERATIONAL MODES
PWM Mode
In PWM mode, the buck regulators in the ADP5056 operate at a
fixed frequency. An internal oscillator programmed by the RT
pin sets this frequency. The ADP5056 uses the low-side MOSFET
current for the PWM control, as shown in Figure 28. The valley
current information is captured at the end of the off period and
combines with the slope ramp to form the emulated current ramp
voltage. The resistor from the RAMPx pin to ground controls the
slope ramp voltage. At the start of each oscillator cycle, the high-
side MOSFET turns on, and the inductor current increases until
the emulated current ramp voltage crosses the COMPx voltage.
When the current ramp voltage crosses the COMPx voltage, it
turns off the high-side MOSFET and turns on the low-side
MOSFET, which in turn places a negative voltage across the
inductor, causing a reduction in the inductor current. The low-
side MOSFET stays on for the remainder of the cycle.
PVINx
RRAMP
CRAMP
CLK
S Q
R
IN DH
DL
ACS*
PWM
PVINx
SW
L
VOUT
COUT
gm
0.6V
VCOMP
RC
CC
RTOP
RBOT
IRAMP
VRAMP
*A
CS IS THE CURRENT SENSING AMPLIFIER.
Figure 28. FlexMode™ PWM Control Architecture
PSM Mode
To achieve higher efficiency at light loads, the buck regulators in
the ADP5056 smoothly transition to variable frequency PSM
operation when the output load falls below the PSM current
threshold. When the output voltage (VOUT) falls below regulation,
the buck regulator enters PWM mode for a few oscillator cycles
until the voltage increases to within regulation. During the idle
time between bursts, the MOSFET turns off, and the output
capacitor supplies all the output current.
The PSM comparator monitors the internal compensation node,
which represents the peak inductor current information. The
average PSM current threshold depends on the VIN, the VOUT, the
inductor, and the output capacitor. Because the output voltage
occasionally falls below regulation and then recovers, the output
voltage ripple in PSM operation is larger than the ripple in the
FPWM mode of operation under light load conditions.
FPWM and Automatic PWM/PSM Modes
The buck regulators can be configured to always operate in
FPWM mode using the SYNC/MODE pin. In FPWM mode, the
regulator continues to operate at a fixed frequency even when the
output current is below the PWM/PSM threshold. In FPWM
mode, efficiency is lower compared to PSM mode under light
load conditions. The low-side MOSFET remains on when the
inductor current falls to less than 0 A, causing the ADP5056 to
enter continuous conduction mode (CCM).
The buck regulators can be configured to operate in automatic
PWM/PSM mode using the SYNC/MODE pin. In automatic
PWM/PSM mode, the buck regulators operate in either PWM
mode or PSM mode, depending on the output current. When
the average output current falls below the PWM/PSM threshold,
the buck regulator enters PSM mode operation. In PSM mode,
the regulator operates with a reduced switching frequency to
maintain high efficiency. The low-side MOSFET turns off when
the inductor current reaches 0 A, causing the regulator to operate
in discontinuous mode (DCM).
The user can alternate between FPWM mode and automatic
PWM/PSM mode during operation. The flexible configuration
capability during operation of the device enables efficient power
management.
When a logic low level is applied to the SYNC/MODE pin, the
operational mode of all three buck regulators is automatic
PWM/PSM mode. When a logic high level is applied to the
SYNC/MODE pin, the operational mode of all three buck
regulators is FPWM mode.
ADJUSTABLE OUTPUT VOLTAGES
The ADP5056 provides an adjustable output voltage via an external
resistor divider. For the adjustable output settings, use an external
resistor divider to set the desired output voltage via the feedback
reference voltage. The default reference voltage on each feedback
pin is 600 mV for each channel.
INTERNAL REGULATORS (VREG)
The internal VREG regulator in the ADP5056 provides a stable
4.8 V power supply for the internal circuitry. Connect a 4.7 µF
(X5R or X7R) ceramic capacitor between VREG and ground. The
internal VREG regulator is always active as long as the VBIAS
voltage is available.
SEPARATE SUPPLY APPLICATIONS
The ADP5056 supports separate input voltages for the three buck
regulators, meaning that the input voltages for the three buck
regulators can connect to different supply voltages. The
ADP5056 integrates 100 nF, 25 V, X8L ceramic capacitors to
provide local decoupling from PVIN1 and PVIN2 to power
ground in Channel 1 and Channel 2.
The VBIAS voltage provides the power supply for the internal
regulators and the control circuitry. Therefore, if the user plans



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com