Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 22 of 31
of the inductor is higher than the current-limit threshold of the
buck regulator to prevent the inductor from becoming saturated.
To avoid overheating and poor efficiency, an inductor must be
chosen with an rms current rating that is greater than the
calculated maximum rms current. Calculate the rms current of
the inductor by using the following equation:
2
2
12
L
RMS
OUT
I
II

Shielded ferrite core materials are recommended for low core
loss and low electromagnetic interference (EMI). Table 8 lists
recommended inductors.
Table 8. Recommended Inductors
Vendor
Series1
Coilcraft
XAL5030, XEL5030
Toko
FDUE0650
Wurth
WE-HCI, WE-XHMI
1 Visit the Coilcraft, Toko, and Wurth manufacturer websites for more
information about the recommended series inductors.
OUTPUT CAPACITOR SELECTION
The selected output capacitor affects both the output voltage
ripple and the loop dynamics of the regulator. For example,
during load step transients on the output, when the load is
suddenly increased, the output capacitor supplies the load until
the control loop can ramp up the inductor current, causing an
undershoot of the output voltage.
To calculate the output capacitance required to meet the
undershoot (voltage droop) requirement, use the following
equation:

2
_
_
2
UV
STEP
OUT UV
IN
OUT
OUT UV
KI
L
C
VV
V


 
where:
KUV is a factor (typically set to 2).
ΔISTEP is the load step.
ΔVOUT_UV is the allowable undershoot on the output voltage.
Another example of the effect of the output capacitor on the loop
dynamics of the regulator is when the load is suddenly removed
from the output and the energy stored in the inductor rushes into
the output capacitor, causing an overshoot of the output voltage.
To calculate the output capacitance required to meet the
overshoot requirement, use the following equation:

2
_
2
2
OV
STEP
OUT OV
OUT
OUT_OV
OUT
KI
L
C
VV
V


where:
KOV is a factor (typically set to 2).
ΔISTEP is the load step.
ΔVOUT_OV is the allowable overshoot on the output voltage.
The effective series resistance (ESR) of the output capacitor and
the capacitance value of the output capacitor determine the
output voltage ripple. Use the following equations to select
output capacitors that can meet the output ripple requirements:
_
_
8
L
OUT RIPPLE
SW
OUT RIPPLE
I
C
fV
 
_
OUT RIPPLE
ESR
L
V
R
I
where:
ΔIL is the inductor ripple current.
ΔVOUT_RIPPLE is the allowable output voltage ripple.
RESR is the equivalent series resistance of the output capacitor.
Select the largest output capacitance given by COUT_UV, COUT_OV,
and COUT_RIPPLE to meet both load transient and output ripple
requirements.
Ceramic capacitors have very low ESR and provide optimal
ripple performance. For recommended starting values, see the
Typical Application Circuits section. Use X5R or X7R type
capacitors to achieve low output ripple and small output
deviation during transient response. Transient performance can
be improved with a higher value output capacitor and the
addition of a feedforward capacitor placed between VOUTx
and FBx. Increasing the output capacitance also decreases the
output voltage ripple. A lower value output capacitor can be
used to save space and cost, but transient performance suffers
and may cause loop instability. See the Typical Application
Circuits section for suggested capacitor values.
When choosing a capacitor, calculate the effective capacitance
under the relevant operating conditions of voltage bias and
temperature. A physically larger capacitor or a capacitor with a
higher voltage rating may be required.
INPUT CAPACITOR SELECTION
The input decoupling capacitor attenuates high frequency noise on
the input and acts as an energy reservoir. Use a ceramic capacitor
and place it near to the PVINx pin. The loop composed of the
input capacitor, the high-side MOSFET, and the low-side
MOSFET must be kept as small as possible. The voltage rating of
the input capacitor must be greater than the maximum input
voltage. Ensure that the rms current rating of the input
capacitor is larger than the following equation:

_
1
IN
Crms
OUT
II
D
D

 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com