Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 23 of 31
PROGRAMMING THE UVLO INPUT
The precision enable input can program the UVLO threshold of
the input voltage, as shown in Figure 30.
The precision turn on threshold is 0.615 V, and the turn off
threshold is 0.575 V. Use the following equations to calculate the
resistive voltage divider for the programmable VIN turn on
voltage and the VIN turn off voltage:
VIN_RISING = (3.5 μA + 0.615 V/RBOT_EN) × RTOP_EN + 0.615 V
VIN_FALLING = (0.9 μA + 0.575 V/RBOT_EN) × RTOP_EN + 0.575 V
where:
VIN_RISING is the VIN turn on voltage.
VIN_FALLING is the VIN turn off voltage.
RBOT_EN is the resistor from ENx to ground.
RTOP_EN is the resistor from VIN to ENx.
SLOPE COMPENSATION SETTING
The slope compensation is necessary in a current mode control
architecture to prevent subharmonic oscillation and to maintain
a stable output. The ADP5056 uses the emulated current mode,
and the slope compensation is implemented by connecting a
resistor (RRAMPX) from the RAMPx pin to ground.
Theoretically, an extra slope of VOUT/(2 × L) is enough to stabilize
the system. To guarantee that any noise is decimated in one
cycle and the system is stable from subharmonic oscillation, the
ADP5056 uses an extra slope of VOUT/L.
Calculate the ramp resistor values, RRAMPx, in kΩ, by using the
following equations:
RRAMP1= L1 × 500
RRAMP2 = L2 × 500
RRAMP3 = L3 × 226
where L1, L2, and L3 are the inductor values in each channel,
in μH.
COMPENSATION COMPONENTS DESIGN
For current mode control, the power stage can be simplified as a
voltage controlled current source that supplies current to the
output capacitor and load resistor. The simplified loop is
composed of one domain pole and a zero contributed by the
output capacitor ESR. The control-to-output transfer function is
shown in the following equations:
1
2
()
()
()
1
2
z
OUT
vd
VI
COMP
p
s
f
Vs
Gs
A
R
Vs
s
f






 





where:
s is the domain in the control to output transfer function.
AVI = 12.5 A/V for Channel 1 and Channel 2, 5 A/V for Channel 3.
R is the load resistance.
fz is the zero frequency.
fp is the pole frequency.
1
2
z
ESR
OUT
f
RC


1
2
p
ESR
OUT
f
RR
C

where COUT is the output capacitance.
The ADP5056 uses a transconductance amplifier as the error
amplifier to compensate the system. Figure 45 shows the
simplified peak current mode control small signal circuit.
RESR
R
+
g
m
RC
CCP
COUT
CC
RTOP
RBOT
+
AVI
VOUT
VCOMP
VOUT
Figure 45. Simplified Peak Current Mode Control Small Signal Circuit
The compensation components, RC and CC, contribute a zero.
RC and the optional CCP contribute an optional pole.
The closed-loop transfer equation is as follows:
()
1
()
1
V
CC
BOT
m
vd
BOT
TOP
C
CP
CC
CP
CCP
Ts
RC
s
Rg
Gs
RR
C
C
RC
C
ss
CC








The following guidelines show how to select the compensation
components—RC, CC, and CCP—for ceramic output capacitor
applications.
1.
Determine the cross frequency (fC). Generally, fC is between
fSW/12 and fSW/6.
2.
Calculate RC using the following equation:
2
0.6
OUT
OUT
C
C
mVI
VC
f
R
gA


3.
Place the compensation zero at the domain pole (fP).
Calculate CC using the following equation:
()
ESR
OUT
C
C
RR
C
C
R

4.
CCP is optional. CCP can be used to cancel the zero caused
by the ESR of the output capacitor. Calculate CCP using the
following equation:
ESR
OUT
CP
C
RC
C
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com