Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 28 of 31
DESIGN EXAMPLE
This section provides an example of the step by step design
procedures and the external components required for Channel 1.
Table 9 lists the design requirements for this example.
Table 9. Example Design Requirements for Channel 1
Parameter
Specification
Input Voltage
VPVIN1 = 12 V ± 5%
Output Voltage
VOUT1 = 1.2 V
Output Current
IOUT1 = 7 A
Output Ripple
ΔVOUT1_RIPPLE = 12 mV in CCM mode
Load Transient
±5% at 25% to 75% load transient, 1 A/μs
Although this example shows step by step design procedures for
Channel 1, the procedures apply to all other buck regulator
channels (Channel 1 to Channel 3).
SETTING THE SWITCHING FREQUENCY
The first step is to determine the switching frequency for the
ADP5056 design. In general, higher switching frequencies
produce a smaller solution size due to the lower component
values required, whereas lower switching frequencies result in
higher conversion efficiency due to lower switching losses.
The switching frequency of the ADP5056 can be set to a value from
250 kHz to 2500 kHz by connecting a resistor from the RT pin to
ground. The selected resistor allows the user to make decisions
based on the trade-off between efficiency and solution size.
However, the highest supported switching frequency must be
assessed by checking the voltage conversion limitations enforced
by the minimum on time and the minimum off time (see the
Voltage Conversion Limitations section).
In this design example, a switching frequency of 600 kHz is
used to achieve an optimal combination of small solution size
and high conversion efficiency. To set the switching frequency
to 600 kHz and calculate the value of the resistor from the RT
pin to ground, RT, use the following equations:

0.998
167,305
kΩ =
kHz
T
SW
R
f

0.998
167,305
kΩ =
= 280 kΩ
600
T
R
Therefore, select the closest standard 1% resistor value for RT =
280 kΩ.
SETTING THE OUTPUT VOLTAGE
Select a 10 kΩ bottom resistor (RBOT) and then calculate the top
feedback resistor by using the following equation:
RBOT = RTOP × (VREF/(VOUT − VREF))
where VREF is 0.6 V for Channel 1.
To set the output voltage to 1.2 V, choose the following resistor
values: RTOP = 10 kΩ, RBOT = 10 kΩ.
SETTING THE CONFIGURATIONS (CFG1 AND CFG2)
The CFG1 pin can program the load output capability and parallel
operation for all channels. For this example, choose RCFG1 = 0 Ω
(see Table 6).
The CFG2 pin can program the tSET timer (2.6 ms or 20.8 ms),
fast transient functionality, and sequence for the ADP5056. For
this example, choose RCFG2 = 0 Ω (see Table 7).
SELECTING THE INDUCTOR
The peak-to-peak ΔIL is set to 35% of the maximum output
current. Use the following equation to estimate the value of the
inductor:
L = ((VIN − VOUT) × D)/(ΔIL × fSW)
where:
VIN = 12 V.
VOUT = 1.2 V.
D is the duty cycle (D = VOUT/VIN = 0.1).
ΔIL = 35% × 7 A = 2.45 A.
fSW = 600 kHz.
The resulting value for L is 0.73 μH. The closest standard inductor
value is 0.8 μH. Therefore, ΔIL is 2.25 A.
Calculate the peak inductor current by using the following
equation:
IPEAK = IOUT + (ΔIL/2)
The calculated peak current for the inductor is 8.125 A.
Use the following equation to calculate the rms current of the
inductor:
2
2
12
L
RMS
OUT
I
II

The rms current of the inductor is approximately 7.03 A.
Therefore, an inductor with a minimum rms current rating of
7.03 A and a minimum saturation current rating of 8.125 A is
required. However, to prevent the inductor from reaching the
saturation point in current-limit conditions, it is recommended
that the inductor saturation current be higher than the maximum
peak current limit, typically 11.65 A, for reliable operation.
Based on these requirements and recommendations, the
XAL5030-801ME, with a dc resistance of 5.14 mΩ, was selected
for this design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com