Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 6 of 31
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SW2 Pin
High-Side Power FET On Resistance
RDSON_HS(2)
25
mΩ
Pin to pin measurement
Low-Side Power FET On Resistance
RDSON_LS(2)
12
mΩ
Pin to pin measurement
Valley Current-Limit Threshold
ITH(ILIM2)
9.4
A
Current limit of Channel 2 (ILIM2) = 7 A,
TJ = 25°C
4.4
A
ILIM2 = 3.5 A, TJ = 25°C
Negative Current-Limit Threshold
ITH(ILIM2-NEG)
−5.0
A
Minimum On Time
tMIN_ON2
35
55
ns
fSW = 250 kHz to 2500 kHz
Minimum Off Time
tMIN_OFF2
120
150
ns
fSW = 250 kHz to 2500 kHz
EA, COMP2 Pin
EA Transconductance
gm2
330
350
365
µS
Soft Start
Soft Start Time
tSS2
0.83 × tSET
ms
tSET = 2.6 ms when the RCFG2 = 0 Ω
Hiccup Time
tHICCUP2
7 × tSET
ms
COUT Discharge Switch On Resistance
RDIS2
85
Ω
CHANNEL 1 AND CHANNEL 2 IN PARALLEL
OPERATION
Continuous Output Current
IO
14
Determined by CFG1 pin configuration
(see Table 6), RCFG1 = 23.7 kΩ
CHANNEL 3 BUCK REGULATOR
Continuous Output Current
IO
3
Determined by CFG1 pin configuration
(see Table 6), RCFG1 = 0 Ω
1.5
Determined by CFG1 pin configuration
(see Table 6) RCFG1 = open
FB3 Pin
Feedback Voltage
600
mV
Feedback Voltage Accuracy
VFB3_DEFAULT
−0.25
+0.25
%
TJ = 25°C
Feedback Reference Voltage of
Channel 3 (VFB3) = 600 mV Default
−0.62
+0.69
%
−40°C ≤ TJ ≤ +125°C
−0.62
+0.83
%
−40°C ≤ TJ ≤ +150°C
Feedback Bias Current
IFB3
0.1
µA
Adjustable voltage
SW3 Pin
High-Side Power FET On Resistance
RDSON_HS(3)
85
mΩ
Pin-to-pin measurement
Low-Side Power FET On Resistance
RDSON_LS(3)
45
mΩ
Pin-to-pin measurement
Valley Current-Limit Threshold
ITH(ILIM3)
4.2
A
Current Limit of Channel 3 (ILIM3) = 3 A,
TJ = 25°C
2.1
A
ILIM3 = 1.5 A, TJ = 25°C
Negative Current-Limit Threshold
ITH(ILIM3-NEG)
−2.5
A
Minimum On Time
tMIN_ON3
35
55
ns
fSW = 250 kHz to 2500 kHz
Minimum Off Time
tMIN_OFF3
120
150
ns
fSW = 250 kHz to 2500 kHz
EA, COMP3 Pin
EA Transconductance
gm3
330
350
365
µS
Soft Start
Soft Start Time
tSS3
0.83 × tSET
ms
tSET = 2.6 ms when the RCFG2 = 0 Ω
Hiccup Time
tHICCUP3
7 × tSET
ms
COUT Discharge Switch On Resistance
RDIS3
85
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com