Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP5056ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 4 of 31
SPECIFICATIONS
Input voltage (VIN) = bias input voltage (VBIAS) = 12 V, VREG voltage (VREG) = 4.8 V, TJ = −40°C to +150°C for minimum and maximum
specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
WIDE INPUT VOLTAGE RANGE
VIN
2.75
18
V
PVIN1 pin, PVIN2 pin, PVIN3 pin
BIAS INPUT VOLTAGE RANGE
VBIAS
4.5
18
V
VBIAS pin
QUIESCENT CURRENT
VBIAS pin
Operating Quiescent Current
IQ(3-BUCKS)
6.2
7.5
mA
No switching, all ENx pins high
Shutdown Current of Three Channels
ISHDN(3-BUCKS)
42
80
µA
All ENx pins low
UNDERVOLTAGE LOCKOUT
Power Input
UVLOPVINx
PVIN1 pin, PVIN2 pin, PVIN3 pin
Rising Threshold
VUVLO1-RISING
2.5
2.75
V
Falling Threshold
VUVLO1-FALLING
2.22
V
Hysteresis
VHYS1
0.30
V
Bias Input Voltage
UVLOVBIAS
VBIAS pin
Rising Threshold
VUVLO2-RISING
4.20
4.50
V
Falling Threshold
VUVLO2-FALLING
3.60
3.80
V
Hysteresis
VHYS2
0.40
V
OSCILLATOR CIRCUIT
Switching Frequency
fSW
530
600
630
kHz
RT = 280 kΩ
1140
1200
1250
kHz
RT = 140 kΩ
1700
1800
1900
kHz
RT = 94.2 kΩ
Switching Frequency Range
250
2500
kHz
Synchronization Input
Input Clock Range
fSYNC
250
2700
kHz
Input Clock Pulse Width
Minimum On Time
tSYNC_MIN_ON
100
ns
Minimum Off Time
tSYNC_MIN_OFF
100
ns
Input Clock High Voltage
VH(SYNC)
2.65
V
Input Clock Low Voltage
VL(SYNC)
1.2
V
Synchronization Output
Clock Frequency
fCLK
fSW
kHz
Positive Pulse Duty Cycle
tCLK_PULSE_DUTY
50
%
Rise or Fall Time
tCLK_RISE_FALL
2
ns
High Level Voltage
VH(SYNC_OUT)
VREG
V
PRECISION ENABLING
EN1 pin, EN2 pin, EN3 pin
Enable Voltage Range
VEN_RANGE
0
18
V
High Level Threshold
VTH_H(EN)
0.615
0.67
V
Low Level Threshold
VTH_L(EN)
0.52
0.575
V
Source Current (High Level)
ITH_H(EN)
0.48
0.9
1.55
µA
Above the rising threshold
Source Current (Low Level)
ITH_L(EN)
2.0
3.5
6.0
µA
Below the falling threshold
POWER GOOD
Rising High Threshold
VPWRGD(RISE_H)
105
%
Rising Low Threshold
VPWRGD(RISE_L)
95
%
Falling High Threshold
VPWRGD(FALL_H)
107
%
Falling Low Threshold
VPWRGD(FALL_L)
93
%
Internal Power-Good Hysteresis
VPWRGD(HYS)
2
%
Falling Delay for PWRGD Pin
tPWRGD_FALL_DLY
4 × switching
period (tSW)
ms
Rising Delay for PWRGD Pin1
tPWRGD_RISE_DLY
0 or tSET
ms
tSET = 2.6 ms when the resistor
value on the CFG2 pin (RCFG2) = 0 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com